Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM20333 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM20333
Description  3A Synchronous Buck Regulator with Frequency Synchronization
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20333 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM20333_14 Datasheet HTML 3Page - Texas Instruments LM20333_14 Datasheet HTML 4Page - Texas Instruments LM20333_14 Datasheet HTML 5Page - Texas Instruments LM20333_14 Datasheet HTML 6Page - Texas Instruments LM20333_14 Datasheet HTML 7Page - Texas Instruments LM20333_14 Datasheet HTML 8Page - Texas Instruments LM20333_14 Datasheet HTML 9Page - Texas Instruments LM20333_14 Datasheet HTML 10Page - Texas Instruments LM20333_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LM20333
www.ti.com
SNVS558C – MAY 2008 – REVISED JANUARY 2009
Typical Performance Characteristics (continued)
Unless otherwise specified: VVIN = 12V, VOUT = 3.3V, L= 4.7µH, fSW=750kHz, CSS = 100nF, TA = 25°C for efficiency curves,
loop gain plots and waveforms, and TJ = 25°C for all others.
VCC
vs.
Load Regulation
VIN
Figure 8.
Figure 9.
Non-Switching IQ
Shutdown IQ
vs.
vs.
VIN
VIN
Figure 10.
Figure 11.
PGOOD Output Low Level Voltage
Enable Threshold and Hysteresis
vs.
vs.
IPGOOD
Temperature
Figure 12.
Figure 13.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM20333


Similar Part No. - LM20333_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
More results

Similar Description - LM20333_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A, PowerWise Synchronous Buck Regulator with Input Synchronization
logo
National Semiconductor ...
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com