Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OIDSG1480S01254 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # OIDSG1480S01254
Description  Polarization Insensitive Fiber Isolator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OIDSG1480S01254 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  OIDSG1480S01254 Datasheet HTML 1Page - OPLINK Communications Inc. OIDSG1480S01254 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Specifications
OISSG Serie
OIDSG Serie
Unit
Operating Wavelength Range
1310 ± 15 or
1480 ± 15 or
C-band: 1528 ~ 1564 or
L-band: 1570 ~ 1605
nm
Insertion Loss [1]
Standard PMD
< 0.4
-
dB
Low PMD
< 0.45
-
dB
-
< 0.5
Isolation (over operating wavelength
range, 0~70°C, all SOP)
> 20
>35
dB
Polarization Dependent Loss
< 0.06
< 0.08
dB
Polarization Mode
Dispersion
Standard PMD
< 0.25
< 0.05
ps
Low PMD
< 0.05
-
ps
Return Loss (Input/Output Ports)
> 55/50
dB
Maximum Power Handling
< 500
mW
Fiber Type
Corning SMF-28
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Package Dimensions [3]
P1: (ø) 5.5 x (L) 34.0, with boot
P2: (ø) 5.5 x (L) 34.0, without boot
mm
Applications
Performance Specificationns
Note:
[1] The maximum IL is under all states of polarization and within the full operating tempera-
ture and wavelength ranges specified.
[2] All the parameters are excluding connectors.
[3] The mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise
custom specified
S0059 - R03. 20100616
Green Polarization Insensitive
Fiber Isolator
OIXSG Series
Oplink’s Green isolator is based on glass encapsulated micro-optic packaging
technology and minimizes back reflection and back scattering in the reverse
direction for any state of polarization.The Green Isolator is a low cost model
with excellent performance such as low insertion loss, high isolation, high re-
turn loss, low polarization dependent loss (PDL) and low polarization mode
dispersion (PMD) for dual-stage isolator.
Wide Operating Wavelength Range
and Temperature Range
Low Insertion Loss
High Isolation
Ultra Low PDL & Option for Ultra Low
PMD
Highly Stable & Reliable
Epoxy-free Optical Path
Fiberoptic Amplifiers
CATV Fiberoptic Links
WDM Systems
Fiberoptic Instruments
Transmitters and Fiber Lasers
Laboratory R&D


Similar Part No. - OIDSG1480S01254

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OIDSG1480S OPLINK-OIDSG1480S Datasheet
237Kb / 2P
   Polarization Insensitive Fiber Isolator
More results

Similar Description - OIDSG1480S01254

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OISSG1310S OPLINK-OISSG1310S Datasheet
237Kb / 2P
   Polarization Insensitive Fiber Isolator
OIDS1310P001 OPLINK-OIDS1310P001 Datasheet
216Kb / 2P
   Polarization Insensitive Fiber Isolator
OISS1310PS01 OPLINK-OISS1310PS01 Datasheet
373Kb / 2P
   Polarization Insensitive Fiber Isolator
OISA OPLINK-OISA Datasheet
174Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OIXSG-S0059 OPLINK-OIXSG-S0059 Datasheet
286Kb / 2P
   Green Polarization Insensitive Fiber Isolator
OISA-S0056 OPLINK-OISA-S0056 Datasheet
174Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OISS1310PS0311 OPLINK-OISS1310PS0311 Datasheet
273Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
OIDS1310000311 OPLINK-OIDS1310000311 Datasheet
264Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
OIDA-S0052 OPLINK-OIDA-S0052 Datasheet
341Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OIDA1310P0T OPLINK-OIDA1310P0T Datasheet
250Kb / 2P
   Polarization Insensitive Fiber Isolator Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com