Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTMSD02200012H2 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # UTMSD02200012H2
Description  Unidirectional Single Channel Integrated Tap Monitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

UTMSD02200012H2 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  UTMSD02200012H2 Datasheet HTML 1Page - OPLINK Communications Inc. UTMSD02200012H2 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Functional Diagram
Parameters
Specification
Unit
Operating Wavelength Range
1260~1360
1510~1610
mm
Through
Insertion Loss (@ λ
Op, TOp, All SOP, exclude
connector)
2%
5%
10%
≤ 0.5
≤ 0.7
≤ 1.0
dB
Polarization Dependent Loss
≤ 0.1
dB
Return loss (exclude connector)
≥ 45
dB
Tapped
Monitoring
Responsivity (relative to nominal power at
input port)
2%
5%
10%
10~23
26~59
52~110
14~25
35~65
70~120
mA/W
Responsivity Polarization Dependence
≤ 0.15
dB
Directivity [1]
P1 Package
≥ 25
dB
P2 Package
≥ 33
dB
PD
PD Dark Current (@ 70°C, -5V bias)
≤ 5
nA
Bandwidth (50 ohm, 5V, -3dB)
≥ 1
GHz
Reverse Voltage
≤ 20
V
Forward Current
≤ 5
mA
Conditions
Input Optical Power
2%
5%
10%
≤ 21
≤ 16
≤ 12
dBm
Operating Temperature Range (<85%RH, Non-condensing)
0 to +70
°C
Storage Temperature Range (<85%RH, Non-condensing)
-40 to +85
°C
Fiber Type
SMF-28
Applications
Performance Specification
ns
Input
Output
PD
Notes:1.Directivity is defined as -10 log(ℜ
Out→PD / ℜIn→PD) where ℜ stands for responsivity.
S0074 - R03. 20100602
Unidirectional Single Channel
Integrated Tap Monitors
UTMS Series
Oplink’s Single Channel Unidirectional Integrated Tap Monitor (UTMS) is a hybrid component
that integrates a flat spectral response of a thin-film tap with a high sensitivity PIN photodiode for
power monitoring applications. The Unidirectional feature allows power monitoring from input
port only. UTMS minimizes component assembly costs and module footprint while increasing
module design efficiency by facilitating fiber management.
The UTMS integrates the functionality of an optical coupler and a photodiode while delivering low
insertion loss and low dark current with high temperature stability over a wide wavelength range.
It is compact and easy to mount on a PCB board for module and network system use.Applications
include DWDM channel power monitoring, optical network switching/protection monitoring, re-
configurable optical add/drop multiplexers, and gain/attenuation monitoring in amplifier systems.
Oplink can provide customized designs to meet specialized feature applications.Also, Oplink offers
modular assemblies that integrate other components to form a full function module or subsys-
tem.
2-/3-pin Package Easily Mounted
on a PCB
Flat and Broad Operating
Wavelength Range
Low Insertion Loss and PDL
Low Dark Current
Various Tap Ratios Available
High Temperature Stability with
Hermetically Sealed Photodiode
Monitor Optical Signal from One
Direction Only
EDFAs and Raman Amplifiers
Add/Drop and Optical Protection
Monitoring
DWDM/CWDM Systems


Similar Part No. - UTMSD02200012H2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UTMSD0220 OPLINK-UTMSD0220 Datasheet
231Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
More results

Similar Description - UTMSD02200012H2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UTMS-S0074 OPLINK-UTMS-S0074 Datasheet
260Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
UTMSD0220 OPLINK-UTMSD0220 Datasheet
231Kb / 2P
   Unidirectional Single Channel Integrated Tap Monitors
ITMS-S0019 OPLINK-ITMS-S0019 Datasheet
127Kb / 2P
   Single Channel Integrated Tap Monitors
ITMSD02050011 OPLINK-ITMSD02050011 Datasheet
260Kb / 2P
   Single Channel Integrated Tap Monitors
ITMSECO-S0193 OPLINK-ITMSECO-S0193 Datasheet
142Kb / 1P
   Eco Series Single Channel Integrated Tap Monitors
BTMS-S0003 OPLINK-BTMS-S0003 Datasheet
351Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
ITMS OPLINK-ITMS Datasheet
142Kb / 1P
   Eco Series Single Channel Integrated Tap Monitors
ITMSE05ECO81111G OPLINK-ITMSE05ECO81111G Datasheet
162Kb / 1P
   Eco Series Single Channel Integrated Tap Monitors
BTMSD02050011H OPLINK-BTMSD02050011H Datasheet
315Kb / 2P
   Bi-directional Single Channel Integrated Tap Monitors
ITMSMM OPLINK-ITMSMM Datasheet
218Kb / 2P
   Integrated Tap Monitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com