Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTX2-433-10 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # MTX2-433-10
Description  UHF Narrow Band FM sub-miniature transmitter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

MTX2-433-10 Datasheet(HTML) 5 Page - Radiometrix Ltd

  MTX2-433-10 Datasheet HTML 1Page - Radiometrix Ltd MTX2-433-10 Datasheet HTML 2Page - Radiometrix Ltd MTX2-433-10 Datasheet HTML 3Page - Radiometrix Ltd MTX2-433-10 Datasheet HTML 4Page - Radiometrix Ltd MTX2-433-10 Datasheet HTML 5Page - Radiometrix Ltd MTX2-433-10 Datasheet HTML 6Page - Radiometrix Ltd MTX2-433-10 Datasheet HTML 7Page - Radiometrix Ltd MTX2-433-10 Datasheet HTML 8Page - Radiometrix Ltd MTX2-433-10 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Radiometrix Ltd
MTX2 Data Sheet
page 5
Channel Programming
It is useful at this point to describe how an MTX2 defines it's operating frequency:
At the heart of the device is a fractional N synthesizer locked to a high stability VCXO. The minimum step
size of this PLL is (approximately) 12.4Hz
The data required by the PLL consists of two coefficients: the integer and the fraction. Output frequency
relates to these values thus:
Output frequency (in MHz) = 6.5 x (integer + (fraction / 2^19))
For correct operation, the component (fraction / 2^19) must have a value between 1 and 2 (in other words,
the "fraction" coefficient varies between 524288 and 1048576) while the value of "integer" is limited by the
operating frequency range of the device (422.5 to 525MHz) so will lie between 64 and 79
So how do you calculate it by hand ?
Take the frequency, divide it by 6.5
Take the whole number part remaining, subtract one from it, and that's "integer"
Take everything right of the decimal point, add one and multiply by 524288, and that's "fraction"
Example: 430MHz divide by 6.5 equals 66.15384615
so "integer" = 65
and fraction = (0.15384615 +1) x 524288 = 604948
and to confirm: 6.5 x (65+(604948/524288)) does indeed equal 430MHz (plus 3.9Hz)
In interface terms, these coefficients are expressed as a 32 bit binary word (eight hexadecimal digits) where
the most significant byte comprises the integer value, and the remaining three bytes (24 bits) make up
"fraction"
When programming the MTX2, keep in mind that the unit maintains (in RAM) the current values of all
programmable values (current frequency, band of operation, RF power and frequency offset adjustments
and the sequential table values) and that toggling the EN pin does NOT erase or corrupt them.
These values are only loaded from eeprom at cold start power-up (but not when the EN pin is cycled) or
when the unit is commanded to execute eeprom reads by certain serial functions (such as the
"@PRG_00000000" command)
There are no (or very few) "write a value to eeprom" commands. It is usually necessary to load the relevant
current operating RAM value(s) and THEN issue a suitable command to write the RAM value to eeprom.
The MTX2 eeprom stores a set of frequency coefficients for each parallel channel plus a fifth set for the
sequential table start. It also stores power level, frequency offset, sequential table step size and sequential
channel, and the band select constant
Programming a value or coefficient over the serial bus over-writes the previous value and implements this
change on the PLL immediately, but does not change the eeprom contents until a relevant "program eeprom"
command is issued
In general, the most recent stimulus received by the unit will decide the operating frequency and mode
(although if sequential mode has been selected (serial channel not equal to zero) a change to the parallel
port or a direct frequency program command will not initiate a frequency change).


Similar Part No. - MTX2-433-10

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
   Dual Axis Accelerometer
logo
Mini-Circuits
MTX2-143 MINI-MTX2-143 Datasheet
384Kb / 4P
   RF Transformer
MTX2-143++ MINI-MTX2-143+ Datasheet
384Kb / 4P
   RF Transformer
MTX2-143-D MINI-MTX2-143-D Datasheet
211Kb / 4P
   RF Transformer Die
MTX2-143-D++ MINI-MTX2-143-D+ Datasheet
211Kb / 4P
   RF Transformer Die
More results

Similar Description - MTX2-433-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
MTX3 RADIOMETRIX-MTX3 Datasheet
377Kb / 10P
   868MHz band Narrow Band FM sub-miniature TX
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
NTX2 RADIOMETRIX-NTX2_14 Datasheet
434Kb / 1P
   UHF Narrow Band FM TX & RX
NTX2 RADIOMETRIX-NTX2 Datasheet
259Kb / 11P
   UHF Narrow Band FM TX & RX
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com