Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPEG1HYXE000A0G Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TRPEG1HYXE000A0G
Description  CWDM Transceivers with Digital Diagnostics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPEG1HYXE000A0G Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TRPEG1HYXE000A0G Datasheet HTML 1Page - OPLINK Communications Inc. TRPEG1HYXE000A0G Datasheet HTML 2Page - OPLINK Communications Inc. TRPEG1HYXE000A0G Datasheet HTML 3Page - OPLINK Communications Inc. TRPEG1HYXE000A0G Datasheet HTML 4Page - OPLINK Communications Inc. TRPEG1HYXE000A0G Datasheet HTML 5Page - OPLINK Communications Inc. TRPEG1HYXE000A0G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
TRPEG1-G MR CWDM
Oplink Communications, Inc
S0143, Rev.03. (web) 2013-05-17
Mechanical Package
Dimensions in inches [mm]
Default tolerances:
.xxx = ± .005”, .xx = ± .01”
Ordering Information
Oplink Part Number
Operating
Temperature
Nominal
Wavelength
(nm)
Latch
Color
22dB Link Budge
(62km Distance)1
24dB Link Budget
(70km Distance)1
TRPEG1HYXC000L0G
TRPEG1KZXC000L0G
- 5°C to +70°C
Commercial
1271
Light Violet
TRPEG1HYXC000K0G
TRPEG1KZXC000K0G
- 5°C to +70°C
Commercial
1291
Sky Blue
TRPEG1HYXC000J0G
TRPEG1KZXC000J0G
- 5°C to +70°C
Commercial
1311
Dark Green
TRPEG1HYXC000H0G
TRPEG1KZXC000H0G
- 5°C to +70°C
Commercial
1331
Magenta
TRPEG1HYXC000G0G
TRPEG1KZXC000G0G
- 5°C to +70°C
Commercial
1351
Pink
TRPEG1HYXC000F0G
TRPEG1KZXC000F0G
- 5°C to +70°C
Commercial
1371
Beige
TRPEG1HYXC000D0G
TRPEG1KZXC000D0G
- 5°C to +70°C
Commercial
1391
White
TRPEG1HYXC000C0G
TRPEG1KZXC000C0G
- 5°C to +70°C
Commercial
1411
Silver
TRPEG1HYXC000B0G
TRPEG1KZXC000B0G
- 5°C to +70°C
Commercial
1431
Black
TRPEG1HYXC000A0G
TRPEG1KZXC000A0G
- 5°C to +70°C
Commercial
1451
Lime
TRPEG1HYXC00010G
TRPEG1KZXC00010G
- 5°C to +70°C
Commercial
1471
Gray
TRPEG1HYXC00020G
TRPEG1KZXC00020G
- 5°C to +70°C
Commercial
1491
Violet
TRPEG1HYXC00030G
TRPEG1KZXC00030G
- 5°C to +70°C
Commercial
1511
Blue
TRPEG1HYXC00040G
TRPEG1KZXC00040G
- 5°C to +70°C
Commercial
1531
Green
TRPEG1HYXC00050G
TRPEG1KZXC00050G
- 5°C to +70°C
Commercial
1551
Yellow
TRPEG1HYXC00060G
TRPEG1KZXC00060G
- 5°C to +70°C
Commercial
1571
Orange
TRPEG1HYXC00070G
TRPEG1KZXC00070G
- 5°C to +70°C
Commercial
1591
Red
TRPEG1HYXC00080G
TRPEG1KZXC00080G
- 5°C to +70°C
Commercial
1611
Brown


Similar Part No. - TRPEG1HYXE000A0G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1HYXC000E2 OPLINK-TRPEG1HYXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1HYXC000E2 OPLINK-TRPEG1HYXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
TRPEG1HYXC000E2G OPLINK-TRPEG1HYXC000E2G Datasheet
348Kb / 5P
   Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1HYXI000E2 OPLINK-TRPEG1HYXI000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1HYXI000E2 OPLINK-TRPEG1HYXI000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
More results

Similar Description - TRPEG1HYXE000A0G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com