Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT1-173-5 Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # LMT1-173-5
Description  VHF Narrow Band FM Low Cost multi channel radio modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

LMT1-173-5 Datasheet(HTML) 3 Page - Radiometrix Ltd

  LMT1-173-5 Datasheet HTML 1Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 2Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 3Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 4Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 5Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 6Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 7Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 8Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Radiometrix Ltd
LMT1/LMR1 Data Sheet
page 3
Figure 3: LMT1 footprint (top view)
Pin description – LMT1
Pin
Name
Function
1a
Vcc
3.1 – 15V power supply (10mW)
4.1V – 15V power supply (100mW)
2a
0V
Ground
3a
TXE
Transmit Enable (active low)
4a
TXD
DC coupled input for 3V CMOS logic. Rin=47kΩ
See note 10 below for phase modulation (–PM) version
5a
No pin
Not present in LMT1
1b
P0/PGM
Parallel Channel select LSB
Serial frequency programming / configuration
1
2b
P1
Parallel Channel select
3b
P2
Parallel Channel select
4b
P3
Parallel Channel select MSB
5b
No pin
Not present in LMT1
Notes:
1.
Serial programming is by an inverted, CMOS logic level, 2400 baud UART data stream applied to
the P0 pin.
2.
Channel select inputs have pull-ups (50kΩ) to 3v internal rail. Do not exceed 3V logic levels on this
port.
3.
Channel select inputs are active low
4.
TXE has a 100kΩ pull-up to Vcc
5.
All pins are on an 0.1" grid
6.
The pins 5a/b are not present, but are included in footprint for compatibility with other units in this
family
7.
In the 'off' state a PIN switch open circuits the RF output pin. There are no 'off' state spurii.
8.
Unit will operate (with marginally reduced specifications and lower (6-8mW) output power) from a
3.0V rail. This must be well regulated and without noise or ripple, as in this state the unit's internal
regulator no longer operates, and provides no supply rejection.
9.
100mW versions should not be run continuously from supply voltages > 9v
10.
Phase Modulation (-PM) version LMT1: 2.6V peak-to-peak level 2100Hz sinewave tone via an
external 680pF series capacitor will produce FM deviation of 4.2kHz.
RF
GND
TXD
LMT
2.6V
pk-pk 2100Hz
680pF
The external 680pF series capacitor on LMT1 TXD input provides a defined 6dB per octave pre
emphasis response, to mimic the behavior of a Phase Modulated transmitter.


Similar Part No. - LMT1-173-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
LMT1-173-5 RADIOMETRIX-LMT1-173-5 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1-173-5-12K5 RADIOMETRIX-LMT1-173-5-12K5 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
More results

Similar Description - LMT1-173-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com