Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT1-173-5 Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # LMT1-173-5
Description  VHF Narrow Band FM Low Cost multi channel radio modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

LMT1-173-5 Datasheet(HTML) 1 Page - Radiometrix Ltd

  LMT1-173-5 Datasheet HTML 1Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 2Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 3Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 4Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 5Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 6Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 7Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 8Page - Radiometrix Ltd LMT1-173-5 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Radiometrix Ltd
LMT1/LMR1 Data Sheet
page 1
Features
Conforms to EN 300 220-2 and EN 301 489-3
High performance double superhet. PLL synthesizer with TCXO
quasi-dc (peak sampling) data recovery circuit (for enhanced performance on unbalanced
datastreams)
Data rates up to 5 kbps for standard module
Usable range over 1km
Fully screened. Low profile
Feature-rich interface (RSSI, analogue and digital baseband)
Re-programmable via UART interface
Low power requirements
Applications
Handheld terminals
Industrial telemetry and telecommand
In-building environmental monitoring and control
High-end security and fire alarms
Heavy vehicle/machinery controls
Technical Summary
Operating frequency:
144-146MHz Amateur Radio
150.825-152.450MHz Australian LIPD Band
151.820-154.600MHz US Multi-Use Radio Service (MURS) band
156.525MHz Global Maritime Distress and Safety System
173.200 - 173.325MHz UK Telemetry, Telecommand, Fixed Alarm band
173.20375-173.39625MHz US FCC Part 90.238 Telemetry
Other custom variants from 130 - 180MHz on any 2MHz band
4 UK allocation channels (32 maximum)
Transmit power:
+10dBm (10mW) nominal @ 3.1V (Adjustable 1 - 25mW)
+20dBm (100mW) nominal @ 4.1V (Adjustable 25 - 100mW)
Supply range: 3.1 – 15V (@10mW) transmitter and receiver
Current consumption: 34mA @ 10mW, 90mA @ 100mW (transmit) and 20mA (receive)
Data bit rate: 5kbps max. (Standard module)
Receiver sensitivity: -118dBm (for 12 dB SINAD)
Evaluation platforms: NBEK + LM Series carrier
The LMT1 transmitter and LMR1 receiver
modules offer a 12.5kHz / 25kHz channel
spacing multi channel, low power, and
reliable VHF data link. This makes the
LMT1/LMR1 pair ideally suited to those
low power applications where existing
wideband
modules
have
insufficient
range, or where low cost multi-channel
operation
is
needed
without
compromising on
RF
specification
or
regulatory requirement.
Figure 1: LMT1 transmitter and LMR1 receiver
VHF Narrow Band FM Low Cost multi channel radio modules
Hartcran House, 231 Kenton Lane, Harrow, Middlesex, HA3 8RP, England
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233, www.radiometrix.com
Issue 2, 30 July 2012
LMT1/LMR1


Similar Part No. - LMT1-173-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
LMT1-173-5 RADIOMETRIX-LMT1-173-5 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1-173-5-12K5 RADIOMETRIX-LMT1-173-5-12K5 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
More results

Similar Description - LMT1-173-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com