Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTX2-458700-10 Datasheet(PDF) 6 Page - Radiometrix Ltd

Part # MTX2-458700-10
Description  UHF Narrow Band FM sub-miniature transmitter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

MTX2-458700-10 Datasheet(HTML) 6 Page - Radiometrix Ltd

Back Button MTX2-458700-10 Datasheet HTML 2Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 3Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 4Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 5Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 6Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 7Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 8Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 9Page - Radiometrix Ltd MTX2-458700-10 Datasheet HTML 10Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Radiometrix Ltd
MTX2 Data Sheet
page 6
Operation Modes
The MTX2 has three different modes of operation:
1. Parallel. By default the MTX2 operates on one of the four channels selected by the parallel input pins. At
power up, or when a change of parallel input is detected, the current frequency coefficients are loaded from
the eeprom stores corresponding to parallel channels 0-3. The parallel input consists of an inverted 2 bit
binary number applied to P0/P1 (often from a 2 pole switch)
2. Sequential. If a (sequential) channel is programmed over the serial port, the unit sets it's operating
frequency according to this channel number, the programmed table start frequency and the currently
programmed table step size. If the channel is set to zero, the unit returns to default parallel operation.
If the (sequential) channel is programmed into eeprom, the unit will default to this channel at power up
The table can be considered to be a 255 entry table, starting at channel 1, with the frequency incrementing
by the programmed step size for each increment in channel number (it can be seen that, if a 256 entry table
starting with channel zero is desired then programming all the parallel channels to the ch0 frequency, and
the sequential table start value to ch1 will achieve this)
3. Direct. Whenever a frequency coefficient is programmed into the unit, the frequency will change
immediately to this new value regardless of other modes or operation. This is the simplest and most flexible
means of controlling the unit.
If a unit is set in sequential table mode (ie: channel value isn't zero), then direct programming cannot be
used to over-ride the selected channel (executing an @PRG_iiffffff will just set up a set of frequency
coefficients ready to be written to rom. It won't change the actual operating frequency)
Serial interface commands
MTX2 serial interface consists of an inverted RS232 datastream (9600 baud, 1+8+1, no parity) applied to the
EN pin (the idle state of the interface will turn the transmitter on)
Every command string starts with the phrase "@PRG_"
The characters in a command string must not be separated by more than 5mS (so typing individual
characters on a terminal keyboard will NOT work), but a pause of at least 10mS is required between
commands (more following a BURN_ROM command. In this case a much longer idle period, of 50mS at
least, is needed for eeprom programming)
Frequency setting commands
Commands
Function
@PRG_iiffffff <cr>
sets the current (temporary) frequency
iiffffff is an 8 digit hexadecimal number (4 bytes):
ii is the 1 byte "integer" coefficient
ffffff is the 3 byte "fraction" coefficient
Frequency (in MHz) = 6.5 x integer + 6.5 x (fraction/2^19)
The component (fraction/2^19) must be in the range 1-2
@PRG_BURN_CH0 <cr>
write current frequency into channel 0 eeprom
@PRG_BURN_CH1 <cr>
write current frequency into channel 1 eeprom
@PRG_BURN_CH2 <cr>
write current frequency into channel 2 eeprom
@PRG_BURN_CH3 <cr>
write current frequency into channel 3 eeprom
(these functions do NOT program band/power/offset values)


Similar Part No. - MTX2-458700-10

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
MTX2-02G JLWORLD-MTX2-02G Datasheet
720Kb / 4P
   Dual Axis Accelerometer
logo
Mini-Circuits
MTX2-143 MINI-MTX2-143 Datasheet
384Kb / 4P
   RF Transformer
MTX2-143++ MINI-MTX2-143+ Datasheet
384Kb / 4P
   RF Transformer
MTX2-143-D MINI-MTX2-143-D Datasheet
211Kb / 4P
   RF Transformer Die
MTX2-143-D++ MINI-MTX2-143-D+ Datasheet
211Kb / 4P
   RF Transformer Die
More results

Similar Description - MTX2-458700-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
MTX3 RADIOMETRIX-MTX3 Datasheet
377Kb / 10P
   868MHz band Narrow Band FM sub-miniature TX
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
NTX2 RADIOMETRIX-NTX2_14 Datasheet
434Kb / 1P
   UHF Narrow Band FM TX & RX
NTX2 RADIOMETRIX-NTX2 Datasheet
259Kb / 11P
   UHF Narrow Band FM TX & RX
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com