Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT2-458-10 Datasheet(PDF) 9 Page - Radiometrix Ltd

Part # LMT2-458-10
Description  UHF Narrow Band FM Low Cost multi channel
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

LMT2-458-10 Datasheet(HTML) 9 Page - Radiometrix Ltd

Back Button LMT2-458-10 Datasheet HTML 3Page - Radiometrix Ltd LMT2-458-10 Datasheet HTML 4Page - Radiometrix Ltd LMT2-458-10 Datasheet HTML 5Page - Radiometrix Ltd LMT2-458-10 Datasheet HTML 6Page - Radiometrix Ltd LMT2-458-10 Datasheet HTML 7Page - Radiometrix Ltd LMT2-458-10 Datasheet HTML 8Page - Radiometrix Ltd LMT2-458-10 Datasheet HTML 9Page - Radiometrix Ltd LMT2-458-10 Datasheet HTML 10Page - Radiometrix Ltd LMT2-458-10 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Radiometrix Ltd
LMT2/LMR2 Data Sheet
page 9
RX Received Signal Strength Indicator (RSSI)
The LMR2 has wide range RSSI that measures the strength of an incoming signal over a range of 60dB or
more. This allows assessment of link quality and available margin and is useful when performing range tests.
The output on pin 5b of the module has a standing DC bias of up to 0.5V with no signal, rising to 2.5V at
maximum indication (RF input levels of -40dBm and above). ∆Vmin-max is typically 2V and is largely
independent of standing bias variations. Output impedance is 40kΩ. Pin 5b can drive a 100µA meter directly,
for simple monitoring.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-140 -130 -120 -110 -100 -90
-80
-70
-60
-50
-40
RF level (dBm)
Figure 6: typical RSSI level with respect to received RF level at LMR2 antenna pin
Antenna requirements
Three types of integral antenna are recommended and approved for use with the module:
A) Whip
This is a wire, rod ,PCB track or combination connected directly to RF pin of the module.
Optimum total length is 16.4cm (1/4 wave @ 433MHz). Keep the open circuit (hot) end well
away from metal components to prevent serious de-tuning. Whips are ground plane
sensitive and will benefit from internal 1/4 wave earthed radial(s) if the product is small and
plastic cased
B) Helical
Wire coil, connected directly to RF pin, open circuit at other end. This antenna is very
efficient given it’s small size (20mm x 4mm dia.). The helical is a high Q antenna, trim the
wire length or expand the coil for optimum results. The helical de-tunes badly with proximity
to other conductive objects.
C) Loop
A loop of PCB track tuned by a fixed or variable capacitor to ground at the 'hot' end and fed
from RF pin at a point 20% from the ground end. Loops have high immunity to proximity de-
tuning.
Feature
A
B
C
whip
helical
loop
Ultimate performance
***
**
*
Easy of design set-up
***
**
*
Size
*
***
**
Immunity proximity effects
*
**
***
Range open ground to similar antenna
500m
200
100


Similar Part No. - LMT2-458-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMT2-458-10 ETC2-LMT2-458-10 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
LMT2-458-10 RADIOMETRIX-LMT2-458-10 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
More results

Similar Description - LMT2-458-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
List of Unclassifed Man...
TR2M ETC2-TR2M Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
Radiometrix Ltd
TR3M RADIOMETRIX-TR3M Datasheet
454Kb / 10P
   Narrow Band FM Multi-channel UHF Transceiver
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com