Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR2-458-10 Datasheet(PDF) 6 Page - Radiometrix Ltd

Part # LMR2-458-10
Description  UHF Narrow Band FM Low Cost multi channel
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

LMR2-458-10 Datasheet(HTML) 6 Page - Radiometrix Ltd

Back Button LMR2-458-10 Datasheet HTML 2Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 3Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 4Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 5Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 6Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 7Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 8Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 9Page - Radiometrix Ltd LMR2-458-10 Datasheet HTML 10Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Radiometrix Ltd
LMT2/LMR2 Data Sheet
page 6
Serial interface commands
2400 baud RS232. 8 bit data, no parity, 1 start bit, 1 or 2 stop bits.
Serial data is sent to the unit on one of the parallel channel select pins (P0). It is very important that the unit
does not 'decode' switch bounce in ordinary operation as a command string, or spurious re-writing of the
e2prom will result. For this reason the user must send the 16 character string ENABLESERIALMODE
(followed by a carriage return) to activate the serial command mode before sending any of the command
strings listed below. Command mode is disabled on power down, or on reception of a # character. To
successfully program the unit, it must be enabled ('RXE high (rx) or TXE low (tx)).
GOCHAN aa
Serially select channel aa, where aa is ch0 to ch31
LOAD aa
nnnnn
Set value of N register for channel aa, where aa is Channels 0 to 31
SETPAR
Channel selected by 4 bit parallel inputs (ch0 to ch15 only)
SETSER
Channel selected by most recent GOCHAN operation
RVALUE rrrr
Set value for R register
SINGLE nnnnn
Set value of N for single channel operation.
N value NOT stored in EEPROM
<cr>
Process entry
/
Clear all buffers
#
Disable command mode
aa = a two digit channel number from 00 to 31
nnnnn = synthesizer N register value (up to 65535)
rrrr = synthesizer R register value (up to 16383)
17356
25
900
.
433
=
=
=
kHz
MHz
f
f
N
cing
Channelspa
RF
TX
kHz
MHz
f
f
R
cing
channelspa
TCXO
25
13
=
=
, So R=520
16500
25
4
.
21
900
.
433
4
.
21
=
=
=
kHz
MHz
f
MHz
f
N
cing
Channelspa
RF
RX
Note:
A pause of at least 50ms must be allowed between command strings (EEPROM
programming time).
SINGLE mode does not store the N value in EEPROM. Therefore the unit is inoperative after
a power down until either another valid SINGLE command is received, or mode is changed
by a GOCHAN, SETPAR or SETSER command. SINGLE mode is intended for frequency
agile applications.


Similar Part No. - LMR2-458-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMR2-458-10 ETC2-LMR2-458-10 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
LMR2-458-10 RADIOMETRIX-LMR2-458-10 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
More results

Similar Description - LMR2-458-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
List of Unclassifed Man...
TR2M ETC2-TR2M Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
Radiometrix Ltd
TR3M RADIOMETRIX-TR3M Datasheet
454Kb / 10P
   Narrow Band FM Multi-channel UHF Transceiver
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com