Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-F2DA-16M896-G999 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FAR-F2DA-16M896-G999
Description  TIMING EXTRACTION BANDPASS FILTER (1.5 to 100MHz)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F2DA-16M896-G999 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  FAR-F2DA-16M896-G999 Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F2DA-16M896-G999 Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F2DA-16M896-G999 Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F2DA-16M896-G999 Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F2DA-16M896-G999 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F2DA-16M896-G999 Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F2DA-16M896-G999 Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F2DA-16M896-G999 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
F1/F2/F3 SERIES
s CHARACTERISTICS SAMPLE
Pass band characteristic
Stop band characteristic
Temperature characteristic
s PART NUMBERING SYSTEM
[Example]
FAR–F1DA–
–G
Œ
Ž
ΠSeries designation
 Frequency designation: The standard frequency is designated in six alphanumeric characters. M is used
to designate the decimal point in MHz. Refer to “ELECTRIC CHARACTERISTICS”
in detail
Example: 1.544MHz: 1M5440
Ž Serial number:
The serial number is assigned from 201 to 999 (201 is normal).
A : T/R (dB) B :
θ 0 MKR
1544000.000Hz
A
MAX
0.000
dB
GAIN
–722.721mdB
B
MAX
180.0
deg
PHASE
–93.1330deg
A/DIV
B MIN
1.000
–180.0
dB CENTER
deg SPAN
1544000.000Hz
50000.000Hz
A : T/R (dB) B :
θ 0 MKR
1544000.000Hz
A
MAX
0.000
dB
GAIN
–724.276mdB
B
MAX
180.0
deg
PHASE
deg
A/DIV
5.000
dB CENTER
1544000.000Hz
B MIN –180.0
deg
SPAN
200000.000Hz
F3 Series
F2 Series
F1 Series
1000
–1000
–20
0
20
40
60
80
Temperature (°C)


Similar Part No. - FAR-F2DA-16M896-G999

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F4DA FUJITSU-FAR-F4DA Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
FAR-F4DA-115M52-G201 FUJITSU-FAR-F4DA-115M52-G201 Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
FAR-F4DA-51M840-G201 FUJITSU-FAR-F4DA-51M840-G201 Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
FAR-F4DA-97M728-G201 FUJITSU-FAR-F4DA-97M728-G201 Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
FAR-F4SE-36M000-A005 FUJITSU-FAR-F4SE-36M000-A005 Datasheet
94Kb / 4P
   IF Filter for Terrestrial-TV
More results

Similar Description - FAR-F2DA-16M896-G999

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F4DA FUJITSU-FAR-F4DA Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
logo
SIPAT Co,Ltd
LBN10011 SIPAT-LBN10011 Datasheet
138Kb / 3P
   100MHz SAW Filter 14MHz Bandwidth
LBT10014 SIPAT-LBT10014 Datasheet
141Kb / 3P
   100MHz SAW Filter 5MHz Bandwidth
LBN10009 SIPAT-LBN10009 Datasheet
144Kb / 3P
   100MHz SAW Filter 10MHz Bandwidth
LBN10010 SIPAT-LBN10010 Datasheet
145Kb / 3P
   100MHz SAW Filter 15MHz Bandwidth
LBT10015 SIPAT-LBT10015 Datasheet
146Kb / 3P
   100MHz SAW Filter 5.1MHz Bandwidth
LBN10007 SIPAT-LBN10007 Datasheet
148Kb / 3P
   100MHz SAW Filter 19MHz Bandwidth
LBN10012 SIPAT-LBN10012 Datasheet
144Kb / 3P
   100MHz SAW Filter 30MHz Bandwidth
LBT10014 SIPAT-LBT10014 Datasheet
141Kb / 3P
   100MHz SAW Filter 5MHz Bandwidth
LBN10007 SIPAT-LBN10007 Datasheet
143Kb / 3P
   100MHz SAW Filter 19MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com