Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWFC3145P1112 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # SWFC3145P1112
Description  Single Window Single Mode Wideband Fiber Coupler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWFC3145P1112 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  SWFC3145P1112 Datasheet HTML 1Page - OPLINK Communications Inc. SWFC3145P1112 Datasheet HTML 2Page - OPLINK Communications Inc. SWFC3145P1112 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Single Window Single Mode Wideband Fiber
Coupler (980, 1310, S, C, L, and C+L band)
SWFC Series
Oplink Communications, Inc
Insertion Loss Tables
Insertion Loss (IL) II : 1310nm, S2 or C+L band coupler
Insertion Loss (IL) I : C or L band coupler
Coupling Ratio
P Grade
A Grade
IL1 (dB)
WDL2 (dB)
PDL3 (dB)
IL1 (dB)
WDL2 (dB)
PDL3 (dB)
Signal
Tap
Signal Tap
Signal
Tap
Signal
Tap
Signal Tap
Signal Tap
99/1
≤0.20
19.0-21.0
≤0.08 ≤0.50
≤0.04 ≤0.12
≤0.20
17.7-21.5
≤0.10 ≤0.55
≤0.05 ≤0.15
98/2
≤0.25
16.4-18.4
≤0.10 ≤0.40
≤0.04 ≤0.12
≤0.30
16.0-19.4
≤0.10 ≤0.45
≤0.05 ≤0.15
97/3
≤0.30
14.6-16.2
≤0.10 ≤0.30
≤0.04 ≤0.12
≤0.35
14.0-16.8
≤0.10 ≤0.40
≤0.05 ≤0.15
95/5
≤0.35
12.4-13.8
≤0.12 ≤0.25
≤0.04 ≤0.10
≤0.40
12.0-14.4
≤0.12 ≤0.30
≤0.05 ≤0.15
90/10
≤0.60
9.60-10.8
≤0.12 ≤0.22
≤0.05 ≤0.10
≤0.65
9.20-11.2
≤0.13 ≤0.26
≤0.06 ≤0.14
85/15
≤0.85
7.80-8.80
≤0.15 ≤0.20
≤0.05 ≤0.10
≤0.90
7.5-9.0
≤0.15 ≤0.25
≤0.06 ≤0.14
80/20
≤1.15
6.60-7.60
≤0.15 ≤0.20
≤0.05 ≤0.10
≤1.15
6.4-8.0
≤0.16 ≤0.23
≤0.07 ≤0.13
75/25
≤1.35
5.75-6.50
≤0.15 ≤0.20
≤0.06 ≤0.10
≤1.44
5.6-6.7
≤0.16 ≤0.22
≤0.07 ≤0.13
70/30
≤1.75
5.00-5.50
≤0.15 ≤0.20
≤0.06 ≤0.10
≤1.82
4.9-5.8
≤0.16 ≤0.20
≤0.08 ≤0.12
65/35
≤2.10
4.40-4.90
≤0.15 ≤0.20
≤0.07 ≤0.10
≤2.15
4.3-5.0
≤0.16 ≤0.20
≤0.08 ≤0.12
60/40
≤2.50
3.95-4.30
≤0.15 ≤0.20
≤0.07 ≤0.09
≤2.60
3.7-4.6
≤0.17 ≤0.20
≤0.08 ≤0.10
55/45
≤2.85
3.35-3.80
≤0.15 ≤0.20
≤0.07 ≤0.09
≤2.90
3.1-4.0
≤0.17 ≤0.20
≤0.09 ≤0.10
50/50
2.80-3.30
≤0.20
≤0.08
2.70-3.30
≤0.22
≤0.10
Coupling Ratio
P Grade
A Grade
IL1 (dB)
WDL2 (dB)
PDL3 (dB)
IL1 (dB)
WDL2 (dB)
PDL3 (dB)
Signal
Tap
Signal Tap
Signal Tap
Signal
Tap
Signal Tap
Signal Tap
99/1
≤0.20
18.2-21.0
≤0.09 ≤0.90
≤0.04 ≤0.15
≤0.23
17.4-21.5
≤0.10 ≤1.20
≤0.05 ≤0.20
98/2
≤0.25
16.0-18.6
≤0.09 ≤0.80
≤0.04 ≤0.12
≤0.30
15.2-19.8
≤0.11 ≤1.00
≤0.05 ≤0.15
97/3
≤0.30
14.4-16.4
≤0.10 ≤0.70
≤0.04 ≤0.12
≤0.34
13.7-17.1
≤0.12 ≤0.90
≤0.05 ≤0.15
95/5
≤0.40
12.2-14.0
≤0.13 ≤0.60
≤0.04 ≤0.10
≤0.40
11.8-14.7
≤0.15 ≤0.80
≤0.05 ≤0.15
90/10
≤0.65
9.40-11.0
≤0.15 ≤0.50
≤0.05 ≤0.10
≤0.65
9.00-11.3
≤0.16 ≤0.60
≤0.06 ≤0.15
85/15
≤0.95
7.70-8.85
≤0.15 ≤0.45
≤0.05 ≤0.10
≤0.85
7.4-9.1
≤0.18 ≤0.67
≤0.06 ≤0.15
80/20
≤1.20
6.30-7.80
≤0.17 ≤0.40
≤0.05 ≤0.10
≤1.15
6.0-8.1
≤0.20 ≤0.55
≤0.07 ≤0.14
75/25
≤1.60
5.45-6.70
≤0.18 ≤0.40
≤0.06 ≤0.10
≤1.44
5.4-6.8
≤0.20 ≤0.53
≤0.07 ≤0.14
70/30
≤1.80
4.60-5.75
≤0.22 ≤0.40
≤0.06 ≤0.10
≤1.82
4.6-5.9
≤0.25 ≤0.50
≤0.08 ≤0.13
65/35
≤2.10
4.10-5.05
≤0.23 ≤0.38
≤0.07 ≤0.10
≤2.15
4.2-5.0
≤0.30 ≤0.50
≤0.08 ≤0.13
60/40
≤2.55
3.85-4.40
≤0.25 ≤0.35
≤0.07 ≤0.09
≤2.60
3.7-4.6
≤0.35 ≤0.48
≤0.09 ≤0.11
55/45
≤2.90
3.15-3.85
≤0.30 ≤0.35
≤0.07 ≤0.09
≤2.81
3.1-4.0
≤0.40 ≤0.48
≤0.09 ≤0.11
50/50
2.70-3.40
≤0.35
≤0.08
2.60-3.50
≤0.40
≤0.10
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL).
2. Insertion loss change over the specified wavelength range.
3. Insertion loss change over the all input polarization states
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL). For S-band product, add 0.1dB due to water absorption peak of fiber.
2. Insertion loss change over the specified wavelength range. For S-band product, add 0.1dB in WDL due to water absorption peak of fiber.
3. Insertion loss change over the all input polarization states.


Similar Part No. - SWFC3145P1112

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFC3145P OPLINK-SWFC3145P Datasheet
190Kb / 3P
   Mini Single Window Single Mode Fiber Coupler
More results

Similar Description - SWFC3145P1112

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFC5333P OPLINK-SWFC5333P Datasheet
134Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC OPLINK-UWFC Datasheet
175Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
SWFC-S0070 OPLINK-SWFC-S0070 Datasheet
188Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
SWFC1X3 OPLINK-SWFC1X3 Datasheet
154Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC3150P OPLINK-UWFC3150P Datasheet
279Kb / 2P
   Single Window Single-Mode Wideband Fiber Coupler
SWFC9101P OPLINK-SWFC9101P Datasheet
303Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
SWFC1X3-S0169 OPLINK-SWFC1X3-S0169 Datasheet
155Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
DWFC0150P00L011 OPLINK-DWFC0150P00L011 Datasheet
278Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC1X3-S0156 OPLINK-DWFC1X3-S0156 Datasheet
156Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300P001111 OPLINK-DWFC0300P001111 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com