Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPEG1KZXE00050G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TRPEG1KZXE00050G
Description  CWDM Transceivers with Digital Diagnostics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPEG1KZXE00050G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TRPEG1KZXE00050G Datasheet HTML 1Page - OPLINK Communications Inc. TRPEG1KZXE00050G Datasheet HTML 2Page - OPLINK Communications Inc. TRPEG1KZXE00050G Datasheet HTML 3Page - OPLINK Communications Inc. TRPEG1KZXE00050G Datasheet HTML 4Page - OPLINK Communications Inc. TRPEG1KZXE00050G Datasheet HTML 5Page - OPLINK Communications Inc. TRPEG1KZXE00050G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Oplink Communications, Inc
S0143, Rev.03. (web) 2013-05-17
2
Oplink Communications, Inc.
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Laser Safety : All transceivers are Class I Laser
products per FDA/CDRH and IEC-60825 stan-
dards. They must be operated under specified
operating conditions.
Transmitter Performance Characteristics
TRPEG1-G MR CWDM
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
125
-
1250
Mb/s
AverageOpticalOutputPower 1
YX
P
O
- 2.0
-
+ 3.0
dBm
ZX
0
-
+ 5.0
Center Wavelength
λ
C
See Ordering Information table
nm
Wavelength Deviation
Δλ
C
λ
C - 6.5
λ
C
λ
C + 6.5
nm
Spectral Width (-20dB)
Δλ20
-
-
1.0
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Extinction Ratio
ER
9
-
-
dB
Deterministic Jitter
D J
-
-
80
ps
Total Jitter
T J
-
-
227
ps
Optical Rise/Fall Time (20% to 80%)
t
r ,tf
-
-
0.32
ns
Relative Intensity Noise
RIN
-
-
- 120
dB/Hz
Dispersion Penalty 2
-
-
-
1.5
dB
Transmitter Output Eye
Compliant with IEEE 802.3z & FC-PI Eye Mask
1
Measured average power coupled into single mode fiber.
2
Specified at 1360ps/nm (YX) and 1540ps/nm (ZX) dispersion, which corresponds to the approximate worst-case dispersion for 62km and
70km G.652 fiber over the wavelength range of 1264.5 to 1617.5nm.
Receiver Performance Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
125
-
1250
Mb/s
Receiver Sensitivity (10-12 BER) 1
Pmin
- 24.0
-
-
dBm
Maximum Input Optical Power (10 -12 BER) 1
Pmax
- 3.0
-
-
dBm
LOS Thresholds
Increasing Light Input
Plos+
-
-
- 24.0
dBm
Decreasing Light Input
Plos-
- 35.0
-
-
LOS Timing Delay
Increasing Light Input
t_loss_off
-
-
100
μs
Decreasing Light Input
t_loss_on
-
-
100
LOS Hysteresis
-
0.5
1.5
-
dB
Deterministic Jitter
D J
-
-
80
ps
Total Jitter
T J
-
-
266
ps
Wavelength of Operation
λ
1260
-
1620
nm
Optical Return Loss
ORL
12
-
-
dB
Electrical 3dB Upper Cutoff Frequency
-
-
-
1500
MHz
1
Measured with 27-1 PRBS at 125Mb/s, 1062.5Mb/s and 1250Mb/s.
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)


Similar Part No. - TRPEG1KZXE00050G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-G OPLINK-TRPEG1KVX-G Datasheet
328Kb / 6P
   Very Long Haul Multi-rate Gigabit Ethernet
TRPEG1KVXC00010G OPLINK-TRPEG1KVXC00010G Datasheet
328Kb / 6P
   Very Long Haul Multi-rate Gigabit Ethernet
TRPEG1KVXC00020G OPLINK-TRPEG1KVXC00020G Datasheet
328Kb / 6P
   Very Long Haul Multi-rate Gigabit Ethernet
More results

Similar Description - TRPEG1KZXE00050G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com