Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3821PFV Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB3821PFV
Description  2-ch DC/DC Converter IC With Synchronous Rectifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3821PFV Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB3821PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB3821PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB3821PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB3821PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB3821PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB3821PFV Datasheet HTML 9Page - Fujitsu Component Limited. MB3821PFV Datasheet HTML 10Page - Fujitsu Component Limited. MB3821PFV Datasheet HTML 11Page - Fujitsu Component Limited. MB3821PFV Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
MB3821
s TYPICAL CHARACTERISTICS
(Continued)
2.0
1.6
1.2
0.8
0.4
0.0
1.8
1.4
1.0
0.6
0.2
010
20
35
50
40
Ta
= +25 °C
SEL
= 5 V
5
4
3
2
1
0
010
20
30
50
40
Ta
= +25 °C
IOR
= 0 mA
5
4
3
2
1
0
01
23
5
4
Ta
= +25 °C
IOR
= 0 mA
2.0
1.5
1.0
0.5
0.0
−0.5
−1.0
−1.5
−2.0
−40 −20
0
20
40
60
100
VCC
= 16 V
CTL
= 5 V
IOR
= 0 mA
80
5
4
3
2
1
0
010
20
30
50
40
Ta
= +25 °C
VCC
= 16 V
SEL
= 0 V
IOR
= 0 mA
Power supply voltage VCC (V)
Power supply current vs. power supply voltage
10
8
6
4
2
0
010
20
35
50
40
Ta
= +25 °C
SEL
= 0 V
Power supply current vs. power supply voltage
Power supply voltage VCC (V)
Reference voltage vs. power supply voltage
Power supply voltage VCC (V)
Reference voltage vs. power supply voltage
Power supply voltage VCC (V)
Reference voltage vs. ambient temperature
Reference voltage vs. control voltage
Ambient temperature Ta (
°C)
Control voltage VCTL (V)


Similar Part No. - MB3821PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3825 FUJITSU-MB3825 Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3825A FUJITSU-MB3825A Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3825APFV FUJITSU-MB3825APFV Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3827 FUJITSU-MB3827 Datasheet
557Kb / 41P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3827PFV FUJITSU-MB3827PFV Datasheet
557Kb / 41P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
More results

Similar Description - MB3821PFV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
   2 ch DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB3825A FUJITSU-MB3825A Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3882 FUJITSU-MB3882 Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
logo
Cypress Semiconductor
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A104 FUJITSU-MB39A104 Datasheet
380Kb / 36P
   2-ch DC/DC Converter IC
MB39A108 FUJITSU-MB39A108_06 Datasheet
525Kb / 45P
   5 ch DC/DC Converter IC with Synchronous Rectification
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
   6 ch DC/DC Converter IC with Synchronous Rectification
MB39A115 FUJITSU-MB39A115 Datasheet
495Kb / 42P
   5 ch DC/DC Converter IC with Synchronous Rectification
MB39A104 FUJITSU-MB39A104_08 Datasheet
393Kb / 40P
   2-ch DC/DC Converter IC with Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com