Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3503SQ-25 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3503SQ-25
Description  Dual-Display Constant Current LED Driver with Analog Brightness Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3503SQ-25 Datasheet(HTML) 4 Page - Texas Instruments

  LM3503SQ-25 Datasheet HTML 1Page - Texas Instruments LM3503SQ-25 Datasheet HTML 2Page - Texas Instruments LM3503SQ-25 Datasheet HTML 3Page - Texas Instruments LM3503SQ-25 Datasheet HTML 4Page - Texas Instruments LM3503SQ-25 Datasheet HTML 5Page - Texas Instruments LM3503SQ-25 Datasheet HTML 6Page - Texas Instruments LM3503SQ-25 Datasheet HTML 7Page - Texas Instruments LM3503SQ-25 Datasheet HTML 8Page - Texas Instruments LM3503SQ-25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM3503
SNVS329D – JULY 2005 – REVISED AUGUST 2006
www.ti.com
Thermal Properties
(3)
Junction-to-Ambient Thermal Resistance (
θJA)
DSBGA Package
65°C/W
WQFN Package
49°C/W
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. See Thermal Properties for the thermal resistance. The maximum allowable power
dissipation at any ambient temperature is calculated using: PD(MAX) = (TJ(MAX)–TA)/ θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature. For more information on this topic, please refer to Application Note 1187(An1187):
Leadless Leadframe Package (LLP) and Application Note 1112(AN1112) for DSBGA chip scale package.
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = +25°C. Limits in bold typeface apply over the full operating junction temperature
range (
−40°C ≤ TJ ≤ +125°C). Unless otherwise specified,VIN = 2.5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input Voltage
2.5
5.5
V
IQ
Non-Switching
Cntrl = 1.6V
0.5
1
mA
Switching
Fb = 0V, Sw Is Floating
1.9
3
mA
Shutdown
En1 = En2 = 0V
0.1
3
µA
VFb
Feedback Voltage
Cntrl = 3.5V
0.5
0.55
0.6
V
ICL
NMOS Power Switch
16, Fb = 0V
250
400
650
Current Limit
25, Fb = 0V
400
600
800
mA
35, Fb = 0V
450
750
1050
44,FB = 0V
450
750
1050
IFb
Feedback Pin Output
Fb = 0.25V, Cntrl = 1.6V
64
500
nA
Bias Current
FS
Switching Frequency
0.8
1
1.2
MHz
RDS(ON)
NMOS Power Switch ON ISw = 500 mA
(3)
Resistance
0.55
1.1
(Figure 3: N1)
RPDS(ON)
PMOS ON Resistance
IPMOS = 20 mA, En1 = 0V, En2 = 1.5V
Of VOUT1/VOUT2 Switch
5
10
(Figure 3: P1)
RNDS(ON)
NMOS ON Resistance
INMOS = 20 mA, En1 = 1.5V, En2 = 0V
Of VOUT2/Fb Switch
2.5
5
(Figure 3: N2)
DMAX
Maximum Duty Cycle
Fb = 0V
90
95
%
ISw
Sw Pin Leakage
Sw = 42V, En1 = En2 =0V
0.01
5
µA
Current(4)
IVOUT1(OFF)
VOUT1 Pin Leakage
VOUT1 = 14V, En1 = En2 = 0V (16)
0.1
3
Current(4)
VOUT1 = 23V, En1 = En2 = 0V (25)
0.1
3
µA
VOUT1 = 32V, En1 = En2 = 0V (35)
0.1
3
VOUT1 = 42V, En1 = En2 = 0V (44)
0.1
3
IVOUT1(ON)
VOUT1 Pin Bias
VOUT1 = 14V, En1 = En1 = 1.5V (16)
40
80
Current(4)
VOUT1 = 23V, En1 = En2 = 1.5V (25)
50
100
µA
VOUT1 = 32V, En1 = En2 = 1.5V (35)
50
100
VOUT1 = 42V, En1 = En2 = 1.5V (44)
85
140
IVOUT2
VOUT2Pin Leakage
Fb = En1 = En2 = 0V, VOUT2 = VOUT1 = 42V
0.1
3
µA
Current(4)
UVP
Under-Voltage
On Threshold
2.4
2.5
V
Protection
Off Threshold
2.2
2.3
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the
most likely norm.
(3)
NMOS Power On Resistance measured at ISW= 250mA for sixteen voltage version.
(4)
Current flows into the pin.
4
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Links: LM3503


Similar Part No. - LM3503SQ-25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3503SQ-25 NSC-LM3503SQ-25 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503SQ-25 NSC-LM3503SQ-25 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503SQ-25/NOPB TI1-LM3503SQ-25/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results

Similar Description - LM3503SQ-25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com