Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH-0927 Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # BH-0927
Description  PICMG 1.3 Half size CPU card
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

BH-0927 Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  BH-0927 Datasheet HTML 1Page - Protech Systems Co., Ltd. BH-0927 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BH-0927
BH-0927
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2013.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2013.
PICMG 1.3 Half size CPU Card supports Intel® i3/ i5
Pentium® CPU with VGA/ Audio/2LAN/ 2COM
PROTECH SYSTEMS
It's the right choice
Power Connector
CPU Fan Connector
USB 3.0 Connector
System Fan Connector
SATA Connector
USB 2.0 Connector
USB 2.0 Connector
DIO Connector
VGA Connector
COM 2
COM 1
RJ-45 10/100/1000
LAN Connector
CPU Support
Intel® i3/ i5 Pentium processor
CPU Frequency
1.8 ~ 2.7GHz
Chipset
Intel® HM86
DRAM
2 x 240-Pin DDR3L SO-DIMM, support dual
channel memory 1333/1600MHz up to 16GB
BIOS
AMI
Watchdog
1~255 secs Watchdog timer selectable
Power Supply
Support AT/ATX Power
Power Requirement
+5V, +12V, +3.3V, +5Vsb
Power Consumption
TBD
Dimension
Certificate
198 mm × 126 mm (7.80" × 4.96")
FCC / CE
SATA Interface
2 x SATAIII connector
Expansion BUS
1 x CFast, 1 x PCIe
Serial Port
2 x COM port; COM 1 for RS-232, COM 2 for
RS-232/422/485
LAN
Dual Ports: support to 10/100/1000Mbps
LAN1: Intel® I217LM
LAN2: Intel® I211AT
Audio
Support HD Audio daughter Board
DI/O
4 in / 4 out
USB
8 x USB 2.0/3.0
6 ports on board, 2ports to backplane
Graphics
Build-in processor, share memory, Support,
1 x VGA
1 x Display port
Operation Temp.
0° ~ 60° C ( 32° ~ 140° F )
Storage Temp.
- 40° ~ 85° C ( - 40° ~ 185° F )
Humidity
Operation humidity 20 ~ 90%,
storage humidity 20 ~ 95%
BF-0927RA-C1P
PICMG 1.3 Half Size, i5/ HM86/C1,
VGA/2LAN/2COM/AUDIO
BF-0927RA-C2P
PICMG 1.3 Half Size, i3/ HM86/C1,
VGA/2LAN/2COM/AUDIO
Specifications


Similar Part No. - BH-0927

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH-09-1 ADAM-TECH-BH-09-1 Datasheet
78Kb / 1P
   BATTERY HOLDER
BH-09-2 ADAM-TECH-BH-09-2 Datasheet
76Kb / 1P
   BATTERY HOLDER
BH-09-3 ADAM-TECH-BH-09-3 Datasheet
76Kb / 1P
   BATTERY HOLDER
BH-09-4 ADAM-TECH-BH-09-4 Datasheet
76Kb / 1P
   BATTERY HOLDER
More results

Similar Description - BH-0927

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SHB215 AXIOMTEK-SHB215 Datasheet
270Kb / 1P
   PICMG 1.3 Half-size CPU Card with Intel Celeron Processor J1900
logo
Advantech Co., Ltd.
PCE-3B06-00A1E ADVANTECH-PCE-3B06-00A1E Datasheet
2Mb / 2P
   PICMG 1.3 Half-size SHB Backplanes
PCE-3B03A-00A1E ADVANTECH-PCE-3B03A-00A1E Datasheet
581Kb / 2P
   PICMG 1.3 Half-size SHB Backplanes
PCE-3B03-00A1E ADVANTECH-PCE-3B03-00A1E Datasheet
192Kb / 1P
   PICMG 1.3 Half-size SHB Backplanes
PCE-3B06-03A1E ADVANTECH-PCE-3B06-03A1E Datasheet
2Mb / 2P
   PICMG 1.3 Half-size SHB Backplanes
logo
Axiomtek Co., Ltd.
HAB206 AXIOMTEK-HAB206 Datasheet
530Kb / 1P
   PICMG 1.3 SHB Express Half-size Backplanes
logo
Advantech Co., Ltd.
IPC-3012-25ZE ADVANTECH-IPC-3012-25ZE Datasheet
759Kb / 2P
   Compact Chassis for PICMG 1.3 Half Size SHB
IPC-3012 ADVANTECH-IPC-3012_V01 Datasheet
887Kb / 2P
   Compact Chassis for PICMG 1.3 Half Size SHB
4-May-2017
logo
Axiomtek Co., Ltd.
SHB230 AXIOMTEK-SHB230_17 Datasheet
250Kb / 1P
   PICMG 1.3 Half-size CPU Card with LGA1150 4th Gen Intel Core i7/i5/i3
logo
Advantech Co., Ltd.
IPC-3012 ADVANTECH-IPC-3012 Datasheet
629Kb / 2P
   Compact Embedded Chassis for PICMG 1.3 Half Size SHB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com