Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM25400-1CR Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # RM25400-1CR
Description  Industrys fi rst modular fuse block simplifi es design and enhances safety
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RM25400-1CR Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  RM25400-1CR Datasheet HTML 1Page - Cooper Bussmann, Inc. RM25400-1CR Datasheet HTML 2Page - Cooper Bussmann, Inc. RM25400-1CR Datasheet HTML 3Page - Cooper Bussmann, Inc. RM25400-1CR Datasheet HTML 4Page - Cooper Bussmann, Inc. RM25400-1CR Datasheet HTML 5Page - Cooper Bussmann, Inc. RM25400-1CR Datasheet HTML 6Page - Cooper Bussmann, Inc. RM25400-1CR Datasheet HTML 7Page - Cooper Bussmann, Inc. RM25400-1CR Datasheet HTML 8Page - Cooper Bussmann, Inc. RM25400-1CR Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Knifeblade Fuse Blocks with IP20 Finger-Safe Covers
Safety
For added safety and convenience, only Bussmann offers optional IP20 finger-safe covers
across the entire knifeblade fuse block product line. Built-in lockout/ tagout feature improves
safety. Blown fuse indication option on fuse cover assists in troubleshooting, while standard
phase barriers between poles enhance safety.
In stock for QuikShip Everyday Service - 90% of orders ship within 24 hours.
QuikShip Emergency Service ensures availability 24/7, 365 with “Next flight out” courier
service.
Modularity
The only snap-together design on the market permits assembly of required poles at point-of-use.
Factory assembled two- and three-pole configurations are also available.
Ease-of-Use
Optional high-clarity, see-through finger-safe covers with test probe holes make routine
maintenance activities easy. No need to open the cover to inspect wire terminations or to take
thermography measurements. Available with any Class H(K), J or R fuse block.
Bussmann knifeblade fuse blocks offer advantages you can’t find
anywhere else.
QuikShip Services
Best Ratings
All fuse blocks meet UL creep and clearance requirements for Industrial Control Circuits (UL 508,
UL 845). 200 to 600A blocks meet the higher UL Industrial Power Distribution Standards
(UL 98, UL 67, UL 489, UL 891, and UL 869A).


Similar Part No. - RM25400-1CR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM25400-1CR ETC2-RM25400-1CR Datasheet
577Kb / 4P
   FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
More results

Similar Description - RM25400-1CR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CHM1DIU COOPER-CHM1DIU Datasheet
2Mb / 12P
   Compact Modular Fuse Holders With the Industrys Best Ratings
logo
PHOENIX CONTACT
0920083 PHOENIX-0920083 Datasheet
128Kb / 10P
   Fuse modular terminal block
UK5-HESI PHOENIX-UK5-HESI Datasheet
200Kb / 5P
   Fuse modular terminal block
Dec 19, 2022
0920122 PHOENIX-0920122 Datasheet
127Kb / 10P
   Fuse modular terminal block - USIG BU
3048357 PHOENIX-3048357 Datasheet
132Kb / 10P
   Fuse modular terminal block - USEN 14 N
09/12/2020
3118096 PHOENIX-3118096 Datasheet
163Kb / 13P
   Fuse modular terminal block - UK-SI BU
0711632 PHOENIX-0711632 Datasheet
129Kb / 12P
   Fuse modular terminal block - UKK5 HESILED24(6,3X32)
3050293 PHOENIX-3050293 Datasheet
435Kb / 18P
   Fuse modular terminal block - QTC 2,5-HESI (5X20)
1088498 PHOENIX-1088498 Datasheet
546Kb / 17P
   Fuse modular terminal block - PT 10-FSI/C
01/13/2022
0711629 PHOENIX-0711629 Datasheet
151Kb / 13P
   Fuse modular terminal block - UKK5 HESILA 250(5X20)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com