Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNX14-1.2-02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RNX14-1.2-02
Description  Current-compensated Chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RNX14-1.2-02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RNX14-1.2-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers RNX14-1.2-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers RNX14-1.2-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers RNX14-1.2-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers RNX14-1.2-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers RNX14-1.2-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET
EMC/EMI Chokes RN series
Current-compensated Chokes
Rated currents from 0.3 to 10 A
DC to 1kHz frequency
100kHz to 3MHz common-mode resonance
frequency
Dual-choke configurations
Multiple PCB-mounting options
Technical specifications
Flammability corresponding to
UL 94 V-0
High potential test voltage
winding-to-housing @ 25°C
4000 VAC, 60 sec, guaranteed
winding-to-winding @ 25°C
1500 VAC, 60 sec, guaranteed
1500 V, 50 Hz, 2 sec, factory test
Maximum continuous operating voltage
250 VAC
MTBF @ 40°C/230V (Mil-HB-217F)
> 5,000,000 hours
Operating frequency
50/60 Hz
Rated currents
0.3 to 10 A @ 40 °C max.
Surge current @ 10msec
20 x Inominal @ 25°C
Temperature range (operation and storage) -40 °C to +125 °C (40/125/56)
Approvals
VDE: excluding RN 102, RN 202
RN chokes are attenuating common-mode or
asymmetric (P/N –> E) interference signals, by being
connected in series with the phase and neutral lines
of an AC powerline input. Symmetrical components
of the noise are also attenuated by the leakage
inductance of the windings. These chokes are
typically used in conjunction with suppression
capacitors.
Features andbenefits
High saturation resistance and excellent thermal
behavior
Through hole pin connections
Dual-choke configuration
Small compact design
Multiple housing options
Custom-specific versions are available on request
Typical applications
Phase-angle control circuits in combination with
saturating chokes
EMI input filters
For suppressing equipment with no earth
connection
Suppressing high interference levels
Typical electrical schematic


Similar Part No. - RNX14-1.2-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RNx14-1.2-02 ETC2-RNx14-1.2-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
More results

Similar Description - RNX14-1.2-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN112-0.6-02 ETC2-RN112-0.6-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RD7137-6-12M0 ETC2-RD7137-6-12M0 Datasheet
334Kb / 5P
   Current-compensated Chokes
logo
Schaffner International...
RT8122-6-10M0 SCHAFFNER-RT8122-6-10M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RD5122-6-9M6 SCHAFFNER-RD5122-6-9M6 Datasheet
473Kb / 5P
   Current-compensated Chokes
logo
Filtran LTD
8420 FILTRAN-8420 Datasheet
103Kb / 1P
   CHOKE Current Compensated Chokes
logo
Pulse A Technitrol Comp...
FE2X03-8-3NL PULSE-FE2X03-8-3NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com