Electronic Components Datasheet Search |
|
FAR-F6CE-1G9600-L2XY-V Datasheet(PDF) 1 Page - Fujitsu Component Limited. |
|
FAR-F6CE-1G9600-L2XY-V Datasheet(HTML) 1 Page - Fujitsu Component Limited. |
1 / 39 page DS04-23110-5E FUJITSU MEDIA DEVICE DATA SHEET ASSP Mobile Communication Systems Piezoelectric SAW BPF (1000 to 2500 MHz) F6 Series (L2 type) s s s s DESCRIPTION The F6 series of SAW band pass filters apply to the frequency range 1000 to 2500 MHz. The SAW filters are fabricated on a lithium tantalate (LiTaO3) substrate, producing filters with a wide frequency bandwidth, low insertion loss in passband and superior stability due to the high electromechanical coupling coefficient of the material. Fujitsu’s leading techniques for making filter pattern designs realized this high frequency filter. The F6 series filters are housed in a small surface mount package. Moreover, the impedance in the passband is 50 Ω, and so applications require no external matching circuits. The F6 series SAW filters are suitable for interstage RF filter in mobile communications systems in the sub microwave frequency band. Standard devices are available for PCS, DCS1800, and 2.4 GHz wireless LAN systems. s s s s FEATURES • High frequency filters • Low insertion loss • Ultra compact and light package (3.0 mm × 3.0 mm) • External matching circuits are not required. • Surface mount package (SMT) • Wide variety of standard devices for worldwide mobile communication systems s s s s PACKAGE |
Similar Part No. - FAR-F6CE-1G9600-L2XY-V |
|
Similar Description - FAR-F6CE-1G9600-L2XY-V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |