Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EF-51LF Datasheet(PDF) 1 Page - Protech Systems Co., Ltd.

Part # EF-51LF
Description  Support ARM Cortex A8 Core / Freescale i.MX515 800MHz MPU / Low power consumption
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

EF-51LF Datasheet(HTML) 1 Page - Protech Systems Co., Ltd.

  EF-51LF Datasheet HTML 1Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Support ARM Cortex A8 Core / Freescale i.MX515 800MHz MPU / Low power consumption
and cost-efficiency / Win CE6.0
EF-51LF
System
CPU Support
Freescale i.MX515 800MHz
OS Image
OS Microsoft Windows CE 6.0
Display
Display 1-24 bit TTL transfer LVDS
Display 2-18 bit TTL for 7”
Resolution up to WXGA(1280 x 800)
Support 720p30 Video Decode
Support Video Decode (MPEG-2,H.264,VC1,MPEG-4, H. 263, DivX, VC1)
GPU Support OpenVG 1.1,& OpenGL/ES 2.0
LAN Chip Type
Single Ports; RJ45 connector on board
- XCVR PHY 10/100MBPS (SMSC LAN8710A)
Memory
Up to 512 MByte DDR2 SDRAM on board
Flash
e-NAND 2GB
PMIC
Freescale MC13892JVK
Sound
Audio Codec(Freescale SGTL5000XNAA3R2)
WDT
Built-in Freescale i.MX515 MPU
Dimension
145 mm x 102 mm
ate
FCC / CE
I/O Ports
LCD Interface
1 x 40 pin FPC connector for 7” TTL LCD
2 x 15 pin connector for 15” LVDS LCD
Serial Port
2 port on Board
(1)COM1:D-Sub 9 pin (TX,RX,CTS,RTS) ;
(2)COM2:
1x5 pin wafer(2.0mm pitch)for RS485 or RS232 (TX & RX signal)
LAN
1 x RJ45 connector (10/100 Ethernet)
Audio Codec
Audio Codec(Freescale SGTL5000XNAA3R2)
Audio AMP
(1) Phone Jack for Line-out/MIC
(2) 1 x 2 pins internal speaker,
USB
5Port
(1)1 port for USB2.0 OTG 2.0;
(2)4 port for USB2.0 HOST ( from smsc 2514 USB HUB)
2 port for Internal Connector & 2 port for External Connector
Touch Panel
1 x 4 pin FPC connector for 4-wire 7” touch panel
Inverter
1 x 6 pin connector for 12V inverter
SD/MMC
1 x Micro SD slot,
Digital I/O
3 bit input and 3 bit output digital port availability(2x5 pin 2.0 mm wafer)
Keypad
Reserved Keypad connector for 48 key switch
System Status
1 x 2 pin for Power LED,
Environment
Power Supply
Single DC IN (12V) Power Adapter
Operation Temp.
0° ~ 60° C ( 32° ~ 140° F )
Storage Temp.
- 40° ~ 85° C ( - 40° ~ 185° F )
Humidity
Operation humidity 20 ~ 90%,
storage humidity 20 ~ 95%
*All information contained in this document is subject to change without prior notice.
Please log on www.protech.com.tw to acquire latest information.
PROTECH SYSTEMS
PROTECH SYSTEMS
Protech Systems Co., Ltd.
No. 24, Lane 365, Yang Goang Street, Nei Hu District Taipei 114,Taiwan R.O.C.
TEL: +886-2-8751-1111 / FAX: +886-2-8751-1199
E-mail: sales@protech.com.tw
www.protech.com.tw
Features
Specifications
Freescale i.MX515 800MHz MPU has Low power consumption and
cost-efficiency
Support Freescale i.MX515 800MHz MPU( Cortex A8 Core)
Memory support up to 512 MByte DDR2 SDRAM on board
2GB e-NAND for Storage
Display support 18 bit TTL for 7” LCD Panel& 24 bit LVDS for
15” LCD Panel, Resolution up to WXGA(1280 x 800)
Support 720p30 Video decode
Support Windows CE 6.0 OS


Similar Part No. - EF-51LF

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
EF-0464-5 JMK-EF-0464-5 Datasheet
170Kb / 1P
   The 464 filter series is designed to be used with systems requiring conducted emission control from 10Khz to 1.0Ghz.
EF-0720-10 JMK-EF-0720-10 Datasheet
169Kb / 1P
   The 720 filters are excellent for suppressing noise from switching power supplies
EF-0720-3 JMK-EF-0720-3 Datasheet
263Kb / 1P
   Operating Voltage = 115/250 V Operating Current = 3 Amps
EF-0720-6 JMK-EF-0720-6 Datasheet
263Kb / 1P
   Operating Voltage = 115/250 V~ Operating Current = 6 Amps
EF-0720-8 JMK-EF-0720-8 Datasheet
254Kb / 1P
   Operating Voltage = 115/250 V~ Operating Current = 8 Amps
More results

Similar Description - EF-51LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB112 ETC2-IB112 Datasheet
1Mb / 1P
   Freescale ARM Cortex-A8, 800MHz industrial-grade processor
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
logo
Advantech Co., Ltd.
RSB-4210 ADVANTECH-RSB-4210_15 Datasheet
993Kb / 2P
   Freescale ARM Cortex-A8 i.MX53 SBC
ROM-1210 ADVANTECH-ROM-1210_15 Datasheet
791Kb / 2P
   Freescale ARM Cortex-A8 i.MX53 RTX Module
logo
Texas Instruments
TPS65218D0 TI1-TPS65218D0 Datasheet
1Mb / 110P
[Old version datasheet]   Power Management for ARM Cortex-A8/A9 SOCs
logo
Advantech Co., Ltd.
RSB-4410 ADVANTECH-RSB-4410 Datasheet
634Kb / 2P
   Freescale ARM Cortex-A9 i.MX6 SBC
logo
Texas Instruments
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359_1211 TI1-AM3359_1211 Datasheet
2Mb / 222P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
logo
Beckhoff Automation Gmb...
CP26XX-0000 BECKHOFF-CP26XX-0000 Datasheet
156Kb / 3P
   Panel PC with ARM Cortex??A8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com