Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JM60200-3CR Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # JM60200-3CR
Description  Industrys fi rst modular fuse block simplifi es design and enhances safety
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

JM60200-3CR Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  JM60200-3CR Datasheet HTML 1Page - Cooper Bussmann, Inc. JM60200-3CR Datasheet HTML 2Page - Cooper Bussmann, Inc. JM60200-3CR Datasheet HTML 3Page - Cooper Bussmann, Inc. JM60200-3CR Datasheet HTML 4Page - Cooper Bussmann, Inc. JM60200-3CR Datasheet HTML 5Page - Cooper Bussmann, Inc. JM60200-3CR Datasheet HTML 6Page - Cooper Bussmann, Inc. JM60200-3CR Datasheet HTML 7Page - Cooper Bussmann, Inc. JM60200-3CR Datasheet HTML 8Page - Cooper Bussmann, Inc. JM60200-3CR Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Leadership in Circuit Protection.
The only company
The Eaton advantage.
Powering business worldwide
As a global diversified power management company, we
help customers worldwide manage the power needed for
buildings, aircraft, trucks, cars, machinery and businesses.
Eaton’s innovative technologies help customers manage
electrical, hydraulic and mechanical power more reliably,
efficiently, safely and sustainably.
We provide integrated solutions that help make energy,
in all its forms, more practical and accessible.
With 2012 sales of $16.3 billion, Eaton has approximately
103,000 employees around the world and sells products
in more than 175 countries.
Eaton.com
Only Eaton can deliver...
The most diverse solutions to mitigate arc flash energy to keep people and equipment safe
The smallest and most cost effective way to meet selective coordination requirements
The most experienced, time-tested solutions to meet national & local code requirements
The easiest specifications with the most tested fuse/circuit breaker and circuit breaker/circuit breaker
series rated combinations
The only one-stop shop to solve your design challenges using our expertise and an unmatched portfolio
that can provide a complete circuit
protection solution for all applications.


Similar Part No. - JM60200-3CR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
JM60200-3MW16 COOPER-JM60200-3MW16 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
logo
List of Unclassifed Man...
JM60200-3MW16 ETC1-JM60200-3MW16 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
More results

Similar Description - JM60200-3CR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CHM1DIU COOPER-CHM1DIU Datasheet
2Mb / 12P
   Compact Modular Fuse Holders With the Industrys Best Ratings
logo
PHOENIX CONTACT
0920083 PHOENIX-0920083 Datasheet
128Kb / 10P
   Fuse modular terminal block
UK5-HESI PHOENIX-UK5-HESI Datasheet
200Kb / 5P
   Fuse modular terminal block
Dec 19, 2022
0920122 PHOENIX-0920122 Datasheet
127Kb / 10P
   Fuse modular terminal block - USIG BU
3048357 PHOENIX-3048357 Datasheet
132Kb / 10P
   Fuse modular terminal block - USEN 14 N
09/12/2020
3118096 PHOENIX-3118096 Datasheet
163Kb / 13P
   Fuse modular terminal block - UK-SI BU
0711632 PHOENIX-0711632 Datasheet
129Kb / 12P
   Fuse modular terminal block - UKK5 HESILED24(6,3X32)
3050293 PHOENIX-3050293 Datasheet
435Kb / 18P
   Fuse modular terminal block - QTC 2,5-HESI (5X20)
1088498 PHOENIX-1088498 Datasheet
546Kb / 17P
   Fuse modular terminal block - PT 10-FSI/C
01/13/2022
0711629 PHOENIX-0711629 Datasheet
151Kb / 13P
   Fuse modular terminal block - UKK5 HESILA 250(5X20)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com