Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450-600A Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # 450-600A
Description  Industrys fi rst modular fuse block simplifi es design and enhances safety
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

450-600A Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

Back Button 450-600A Datasheet HTML 2Page - Cooper Bussmann, Inc. 450-600A Datasheet HTML 3Page - Cooper Bussmann, Inc. 450-600A Datasheet HTML 4Page - Cooper Bussmann, Inc. 450-600A Datasheet HTML 5Page - Cooper Bussmann, Inc. 450-600A Datasheet HTML 6Page - Cooper Bussmann, Inc. 450-600A Datasheet HTML 7Page - Cooper Bussmann, Inc. 450-600A Datasheet HTML 8Page - Cooper Bussmann, Inc. 450-600A Datasheet HTML 9Page - Cooper Bussmann, Inc. 450-600A Datasheet HTML 10Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Knifeblade Fuse Block Part Number Table - 250 and 600V Class H(K) & R
Catalog Number
Covers*
Fuse Range
Number Wire Range
Wire Range
Torque
Bussmann
Class H(K)
Class R
w/o Indication
w/ Indication
Volts
(amps)
of Poles (solid and stranded)***
(fine stranded Cu)
N•m (Lb-In)
Fuses
HM25100-1CR
RM25100-1CR
1
1-3 AWG
6.2 (55)
70-
1/0-3 AWG; (2) Cu 4-6 AWG
4-6 AWG
5.6 (50)
Class H(K):
HM25100-2CR
RM25100-2CR
CVR-RH-25100
CVRI-RH-25100
100
2
4-6 AWG; (2) Cu 8 AWG
8 AWG
5.1 (45)
NON
HM25100-3CR
RM25100-3CR
3
8 AWG; (2) Cu 10-14 AWG
4.5 (40)
Cu 10-14 AWG; Al 10-12 AWG
4.0 (35)
HM25200-1CR RM25200-1CR
110-
1
250 MCM-1 AWG
3/0-1 AWG
42 (375)
Class R:
HM25200-2CR RM25200-2CR
CVR-RH-25200
CVRI-RH-25200
200
2
2-6 AWG; (2) Cu 2-6 AWG
2-6 AWG
31 (275)
LPN-RK_SP
HM25200-3CR RM25200-3CR
250
3
LPN-RK_SPI**
HM25400-1CR RM25400-1CR
1
600kcmil
57 (500)
FRN-R
HM25400-2CR RM25400-2CR
CVR-RH-25400
CVRI-RH-25400
225-
2
500kcmil-4 AWG
N/A
51 (450)
KTN-R
HM25400-3CR RM25400-3CR
400
3
(2) Cu 3/0 - 4 AWG
57 (500)
(2) Al 3/0 - 4 AWG
34 (300)
HM25600-1CR RM25600-1CR
450-
1
HM25600-2CR RM25600-2CR
CVR-RH-25600
CVRI-RH-25600
600
2
(2) 500kcmil-4 AWG
N/A
51 (450)
HM25600-3CR RM25600-3CR
3
HM60100-1CR RM60100-1CR
1
1-3 AWG
6.2 (55)
HM60100-2CR RM60100-2CR
CVR-RH-60100
CVRI-RH-60100
70-
2
1/0-3 AWG; (2) Cu 4-6 AWG
4-6 AWG
5.6 (50)
Class H(K):
100
4-6 AWG; (2) Cu 8 AWG
8 AWG
5.1 (45)
NOS
HM60100-3CR RM60100-3CR
3
8 AWG; (2) Cu 10-14 AWG
4.5 (40)
Cu 10-14 AWG; Al 10-12 AWG
4.0 (35)
HM60200-1CR RM60200-1CR
110-
1
250 MCM-1 AWG
3/0-1 AWG
42 (375)
Class R:
HM60200-2CR RM60200-2CR
CVR-RH-60200
CVRI-RH-60200
200
2
2-6 AWG; (2) Cu 2-6 AWG
2-6 AWG
31 (275)
LPS-RK_SP
HM60200-3CR RM60200-3CR
600
3
LPS-RK_SPI**
HM60400-1CR RM60400-1CR
1
600kcmil
57 (500)
FRS-R
HM60400-2CR RM60400-2CR
CVR-RH-60400
CVRI-RH-60400
225-
2
500kcmil-4 AWG
N/A
51 (450)
KTS-R
HM60400-3CR RM60400-3CR
400
3
(2) Cu 3/0 - 4 AWG
57 (500)
KWS-R
(2) Al 3/0 - 4 AWG
34 (300)
PVS-R
HM60600-1CR RM60600-1CR
450-
1
HM60600-2CR RM60600-2CR
CVR-RH-60600
CVRI-RH-60600
600
2
(2) 500kcmil-4 AWG
N/A
51 (450)
HM60600-3CR RM60600-3CR
3
250V Class H(K) and R
600V Class H(K) and R
*Covers sold serarately. Blown fuse indication requires 90 volts minimum and closed circuit to operate.
**With easy ID™ blown fuse indication.
***Ratings for copper and aluminum wire except where otherwise noted.


Similar Part No. - 450-600A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
450-600 COOPER-450-600 Datasheet
207Kb / 3P
   FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
logo
List of Unclassifed Man...
450-6003 ETC2-450-6003 Datasheet
125Kb / 2P
   Knobs
450-6005 ETC2-450-6005 Datasheet
125Kb / 2P
   Knobs
450-6006 ETC2-450-6006 Datasheet
125Kb / 2P
   Knobs
450-6007 ETC2-450-6007 Datasheet
125Kb / 2P
   Knobs
More results

Similar Description - 450-600A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CHM1DIU COOPER-CHM1DIU Datasheet
2Mb / 12P
   Compact Modular Fuse Holders With the Industrys Best Ratings
logo
PHOENIX CONTACT
0920083 PHOENIX-0920083 Datasheet
128Kb / 10P
   Fuse modular terminal block
UK5-HESI PHOENIX-UK5-HESI Datasheet
200Kb / 5P
   Fuse modular terminal block
Dec 19, 2022
0920122 PHOENIX-0920122 Datasheet
127Kb / 10P
   Fuse modular terminal block - USIG BU
3048357 PHOENIX-3048357 Datasheet
132Kb / 10P
   Fuse modular terminal block - USEN 14 N
09/12/2020
3118096 PHOENIX-3118096 Datasheet
163Kb / 13P
   Fuse modular terminal block - UK-SI BU
0711632 PHOENIX-0711632 Datasheet
129Kb / 12P
   Fuse modular terminal block - UKK5 HESILED24(6,3X32)
3050293 PHOENIX-3050293 Datasheet
435Kb / 18P
   Fuse modular terminal block - QTC 2,5-HESI (5X20)
1088498 PHOENIX-1088498 Datasheet
546Kb / 17P
   Fuse modular terminal block - PT 10-FSI/C
01/13/2022
0711629 PHOENIX-0711629 Datasheet
151Kb / 13P
   Fuse modular terminal block - UKK5 HESILA 250(5X20)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com