Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3263 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3263
Description  High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3263 Datasheet(HTML) 4 Page - Texas Instruments

  LM3263_14 Datasheet HTML 1Page - Texas Instruments LM3263_14 Datasheet HTML 2Page - Texas Instruments LM3263_14 Datasheet HTML 3Page - Texas Instruments LM3263_14 Datasheet HTML 4Page - Texas Instruments LM3263_14 Datasheet HTML 5Page - Texas Instruments LM3263_14 Datasheet HTML 6Page - Texas Instruments LM3263_14 Datasheet HTML 7Page - Texas Instruments LM3263_14 Datasheet HTML 8Page - Texas Instruments LM3263_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LM3263
SNVS837 – JUNE 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VBATT Pins to GND (PVIN, SVDD, PACB to PGND, SGND, BGND)
−0.2V to +6.0V
FB, SW, GPO1, ACB, VIO, SDATA, SCLK
(GND-0.2V) to (VIN+0.2V) w/ 6.0V max
Continuous power dissipation
Internally Limited
(3)
Maximum operating junction temperature (TJ-MAX)
+150°C
Storage temperature range
−65°C to +150°C
Maximum lead temperature
(Soldering 10 sec.)
+260°C
ESD rating(4) (5)
Human Body Model
1kV
Charged-Device Model
250V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 125°C (typ.).
(4)
The Human Body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7)
(5)
Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper ESD
handling procedure can result in damage.
OPERATING RATINGS
(1)
Input voltage range PVIN, SVDD, PACB
2.7V to 5.5V
Input voltage range VIO
1.65V to 1.95V
Recommended current load
0 to 2.5A
Junction temperature (TJ) range
−30°C to +125°C
Ambient temperature (TA) range
(2)
−30°C to +90°C
(1)
All voltages are with respect to the potential at the GND pins.
(2)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be de-rated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX). At higher power levels duty
cycle usage is assumed to drop (i.e., max power 12.5% usage is assumed) for GSM/GPRS mode.
THERMAL PROPERTIES
Junction-to-Ambient Thermal Resistance (
θJA), YFQ16 Package
(1)
50°C/W
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design. Junction-to-ambient thermal resistance (
θJA)
is taken from a thermal modeling result, performed under the conditions and guidelines set forth in the JEDEC standard JESD51-7 and
is board-dependent.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3263


Similar Part No. - LM3263_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3263TME/NOPB TI-LM3263TME/NOPB Datasheet
2Mb / 39P
[Old version datasheet]   LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
LM3263TME/NOPB TI1-LM3263TME/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface
LM3263TMX/NOPB TI-LM3263TMX/NOPB Datasheet
2Mb / 39P
[Old version datasheet]   LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
LM3263TMX/NOPB TI1-LM3263TMX/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface
More results

Similar Description - LM3263_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3263 TI-LM3263 Datasheet
2Mb / 39P
[Old version datasheet]   LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
LM3263 TI1-LM3263 Datasheet
2Mb / 40P
[Old version datasheet]   LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface
logo
ams AG
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1332 AMSCO-AS1332 Datasheet
1Mb / 19P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com