Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROV10-820K Datasheet(PDF) 8 Page - Tyco Electronics

Part # ROV10-820K
Description  Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV10-820K Datasheet(HTML) 8 Page - Tyco Electronics

Back Button ROV10-820K Datasheet HTML 2Page - Tyco Electronics ROV10-820K Datasheet HTML 3Page - Tyco Electronics ROV10-820K Datasheet HTML 4Page - Tyco Electronics ROV10-820K Datasheet HTML 5Page - Tyco Electronics ROV10-820K Datasheet HTML 6Page - Tyco Electronics ROV10-820K Datasheet HTML 7Page - Tyco Electronics ROV10-820K Datasheet HTML 8Page - Tyco Electronics ROV10-820K Datasheet HTML 9Page - Tyco Electronics ROV10-820K Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Metal Oxide Varistors
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: ROV10, ROV10H
10mm Series
DOCUMENT: SCD 25482
PCN:
REV LETTER: D
REV DATE: JULY 19, 2007
PAGE NO.: 8 of 10
PACKAGING
356max.
356max.
in mm
65ma
x.
Arbor hole
30 0.1
0.1
343
ma
x.
65m
ax.
Packaging
Bulk (box)
Reel
Ammo
Box size (mm)
290 x 155 x 110
350 x 350 x 108
343 x 260 x 52
Carton size (mm)
310 x 328 x 250
371 x 371 x 590
363 x 540 x 250
One carton with
4 Boxes
5 Boxes (10 reels)
8 Boxes
Part Number
Bulk (box)
Reel
Ammo
F=7.5
F=5.0
ROV10-180M to ROV10-470K,
ROV10H180M to ROV10H470K
2500
1000
500
1000
ROV10-560K to ROV10-680K,
ROV10H 560K to ROV10H 680K
2500
1000
500
1000
ROV10-820K to ROV10-331K,
ROV10H820K to ROV10H331K
2500
1000
500
1000
ROV10-361K to ROV10-391K,
ROV10H361K to ROV10H391K
2500
1000
500
1000
ROV10-431K to ROV10-471K,
ROV10H431K to ROV10H471K
2500
750
500
750
ROV10-511K to ROV10- 751K,
ROV10H511K to ROV10H751K
1500
500
500
500
ROV10-751K to ROV10-182K,
ROV10H751K to ROV10H112K
1500
500
500
500


Similar Part No. - ROV10-820K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV10-102K MACOM-ROV10-102K Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
ROV10-151K-S-2 MACOM-ROV10-151K-S-2 Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
ROV10-221K MACOM-ROV10-221K Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
ROV10-241K-2 MACOM-ROV10-241K-2 Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
ROV10-241K-AP MACOM-ROV10-241K-AP Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
More results

Similar Description - ROV10-820K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com