Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROV14H471K Datasheet(PDF) 5 Page - Tyco Electronics

Part # ROV14H471K
Description  14mm Series Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV14H471K Datasheet(HTML) 5 Page - Tyco Electronics

  ROV14H471K Datasheet HTML 1Page - Tyco Electronics ROV14H471K Datasheet HTML 2Page - Tyco Electronics ROV14H471K Datasheet HTML 3Page - Tyco Electronics ROV14H471K Datasheet HTML 4Page - Tyco Electronics ROV14H471K Datasheet HTML 5Page - Tyco Electronics ROV14H471K Datasheet HTML 6Page - Tyco Electronics ROV14H471K Datasheet HTML 7Page - Tyco Electronics ROV14H471K Datasheet HTML 8Page - Tyco Electronics ROV14H471K Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ROV14, ROV14H, ROV14E
14mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25483
Status: Released
Rev.: A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
5 of 11
DEVICE RATINGS AND CHARACTERISTICS
HIGH SURGE SERIES
Varistor Voltage
V@1.0mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
V@50A
Maximum
Surge Current
(8x20us)
Rated
Wattage
Energy
(10x1000us)
Capacitance
(Typical)
Certifications
Part Number
(VDC)
Tolerance
Vrms
(VAC)
(VDC)
(VDC)
1
Time
(A)
2
Times
(A)
(W)
(J)
@1kHz
(pF)
ROV14H180M
18
± 20%
11
14
36
1)
5.2
14890
ROV14H220L
22
± 15%
14
18
43
1)
6.3
11960
ROV14H270K
27
17
22
53
1)
7.8
9730
ROV14H330K
33
20
26
65
1)
9.5
7700
ROV14H390K
39
25
31
77
1)
11.0
7620
ROV14H470K
47
30
38
93
1)
14.0
6420
ROV14H560K
56
35
45
110
1)
16.0
5180
ROV14H680K
68
40
56
135
1)
2000
1000
0.10
20.0
5100
ROV14H820K
82
50
65
135
28.0
2970
ROV14H101K
100
60
85
165
36.0
2220
ROV14H121K
120
75
100
200
44.0
1740
ROV14H151K
150
95
125
250
53.0
1510
ROV14H181K
180
115
150
300
65.0
920
ROV14H201K
200
130
170
340
70.0
840
♦ ●
ROV14H221K
220
140
180
360
78.0
710
♦ ●
ROV14H241K
240
150
200
395
84.0
770
♦ ●
ROV14H271K
270
175
225
455
99.0
650
♦ ●
ROV14H301K
300
195
250
505
105.0
650
♦ ●
ROV14H331K
330
210
275
550
115.0
610
♦ ●
ROV14H361K
360
230
300
595
130.0
470
♦ ●
ROV14H391K
390
250
320
650
140.0
460
♦ ●
ROV14H431K
430
275
350
710
155.0
450
♦ ●
ROV14H471K
470
300
385
775
175.0
420
♦ ●
ROV14H511K
510
320
418
842
190.0
370
♦ ●
ROV14H561K
560
350
460
920
205.0
400
♦ ●
ROV14H621K
620
385
505
1025
215.0
300
♦ ●
ROV14H681K
680
420
560
1120
225.0
310
♦ ●
ROV14H751K
750
460
615
1240
230.0
270
♦ ●
ROV14H781K
780
485
640
1290
233.0
250
♦ ●
ROV14H821K
820
510
670
1355
235.0
260
♦ ●
ROV14H911K
910
550
745
1500
255.0
240
♦ ●
ROV14H102K
1000
625
825
1650
283.0
200
♦ ●
ROV14H112K
1100
± 10%
680
895
1815
6000
4500
0.60
310.0
180
♦ ●
1). The clamping voltage for devices ROV14H180M to ROV14H680K is tested with 10A current.


Similar Part No. - ROV14H471K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV14H121K-S MACOM-ROV14H121K-S Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14H241K-S-2 MACOM-ROV14H241K-S-2 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14H241K-S-2 MACOM-ROV14H241K-S-2 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14H241K-S-AP MACOM-ROV14H241K-S-AP Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14H241L-S-2 MACOM-ROV14H241L-S-2 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
More results

Similar Description - ROV14H471K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV14 MACOM-ROV14 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14-241K-S-2 MACOM-ROV14-241K-S-2 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com