Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

133442 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 133442
Description  Mod Jack - MJIDC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

133442 Datasheet(HTML) 1 Page - ERNI Electronics

  133442 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
prior notice.
contact one of the ERNI companies
MJ
KEYSTONE JACK CAT 5e, SHIELDED
Mod Jack - MJIDC
133442
1:1
Information:
Tolerances
Scale
All Dimensions
in mm [in]
Class
I (1/1)
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Set contains:
- Modular IDC Jack (1 pcs)
- Press-in tool (not shown; 1 pcs)
8
BROWN
8
PIN ASSIGNMENTS EIA / TIA T568 A & B
BROWN
- Cable tie (not shown; 1 pcs)
Notes:
1. The IDC color codes allow wiring according to TIA/EIA T568A and T568 B
2. Mates with modular plug 8P8C
T568 A
T568 B
PIN WIRE COLOR
PIN WIRE COLOR
1
WHITE/GREEN
1
WHITE/ORANGE
2
GREEN
2
ORANGE
3
WHITE/ORANGE
3
WHITE/GREEN
6
ORANGE
6
GREEN
4BLUE4BLUE
5
WHITE/BLUE
5
WHITE/BLUE
7
WHITE/BROWN
7
WHITE/BROWN
Index
Date
A
27.01.2009
Tolerance
Materials & Finish
Plastic housing (see ref. 1)
ABS & PC, UL 94V-0
IDC housing (see ref. 3)
PC, UL 94V-2
IDC cap (see ref. 5)
PC, UL 94V-2
Contact material, mating zone (see ref. 2)
Phosphor bronze, C5210
Contact finish, mating zone (see ref. 2)
50µin Au over 50-60µin Ni
Contact material, IDC terminals (see ref. 4)
Phosphor bronze, C5210
Contact finish, IDC terminals (see ref. 4)
50µin Sn over 50-60µin Ni
Shell/shield material
Brass C2680, Ni plated
Mechanical properties
Insertion force
IEC 60603-7
max.
0.9 N
Retention strength (between jack and plug)
7.7 N
Mechanical operations (mating & unmating) IEC 60512-5, 9a
min. 750 (at 20 cycles/minute)
IDC punching times
max.
200
Cable termination
Conductor cross-section
AWG 23-24, solid wire
Wire diameter (outer dia.)
max.
1,4 mm
Environmental properties
Operating temperature
-40°C to +80°C
Performance
Transmission category
compl. ANSI/TIA/EIA 568B.2
CAT5e
Electrical properties
Voltage proof (Dielectric Withstand Voltage)
a) Contact - contact
IEC 60512-2, 4a
min.
1.000 V AC/DC
b) Contact - shell/ testpanel
IEC 60512-2, 4a
min.
1.500 V AC/DC
Current carrying capacity (Current Rating)
IEC 60512-3, 5b
1.5 A @ 25°C
Contact resistance
IEC 60512-2, 2a
max.
30 mOhms
Insulation resistance
IEC 60512-2, 3a
min.
500 MOhms
Packaging
Packaging
bag
Approvals
RoHS compliant
Yes
Standard description
Thickness of plating
Standard description
Standard
applicable
Standard description
Standard description
Standard description
Standard description
Thickness of plating


Similar Part No. - 133442

ManufacturerPart #DatasheetDescription
logo
Heyco.
13344B HEYCO-13344B Datasheet
83Kb / 1P
   Nylon 12 Cable Ties
More results

Similar Description - 133442

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100100470001 ERNI-100100470001 Datasheet
611Kb / 1P
   MOD JACK
133776 ERNI-133776 Datasheet
89Kb / 1P
   MOD JACK
203509 ERNI-203509 Datasheet
809Kb / 2P
   MOD-JACK
133027 ERNI-133027 Datasheet
903Kb / 2P
   MOD JACK - MJD
133037 ERNI-133037 Datasheet
973Kb / 2P
   MOD JACK - MJD
133188 ERNI-133188 Datasheet
629Kb / 1P
   MOD JACK - MJV
133701 ERNI-133701 Datasheet
41Kb / 1P
   MOD JACK - MJLS
133703 ERNI-133703 Datasheet
678Kb / 1P
   MOD JACK - MJR
133723 ERNI-133723 Datasheet
41Kb / 1P
   MOD JACK - MJIM
133821 ERNI-133821 Datasheet
702Kb / 1P
   MOD JACK - MJR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com