Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3882PFV Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB3882PFV
Description  2-channel DC/DC Converter IC with Synchronous Rectifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3882PFV Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB3882PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB3882PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB3882PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB3882PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB3882PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB3882PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB3882PFV Datasheet HTML 9Page - Fujitsu Component Limited. MB3882PFV Datasheet HTML 10Page - Fujitsu Component Limited. MB3882PFV Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
MB3882
7
s
s
s
s ELECTRICAL CHARACTERISTICS
(VCC
= 12 V, VB = 0 mA, VREF = 0 mA, Ta = +25 °C)
* : Typical setting value
(Continued)
Parameter
Symbol Pin No.
Conditions
Value
Unit
Min.
Typ.
Max.
1.
Reference
Voltage Block
[Ref]
Output voltage
VREF
24
Ta
= +25 °C
2.475
2.500
2.525
V
∆VREF/
VREF
24
Ta
= 0 °C to +85 °C
0.5*
%
Input stability
Line
24
VCC
= 5.5 V to 18 V
110
mV
Load stability
Load
24
VREF
= 0 mA to −1 mA
310
mV
Short output
current
Ios
24
VREF
= 2 V
−28
−14
−7mA
2.
Bias Voltage
Block
[VB]
Output voltage
VB
13
4.95
5.05
5.15
V
3.
Undervoltage
Lockout
Circuit Block
[UVLO]
Threshold
voltage
VTH
23
VCC
=
2.6
2.9
3.2
V
Hysteresis
width
VH
23

0.2*
V
Reset voltage
VRST
23
1.7
2.1
2.5
V
4.
Soft Start
Block
[CS]
Charge
current
ICS
4, 21
−14
−10
−6
µA
5.
Short
Detection
Comparator
Block
[SCP]
Threshold
voltage
VTH
22
0.63
0.68
0.73
V
Input source
current
ICSCP
22
−1.4
−1.0
−0.6
µA
Short
detection time
tSCP
22
CSCP
= 0.01 µF
4.5
6.8
12.2
ms
6.
Triangular
Wave
Oscillator
Block
[OSC]
Oscillator
frequency
fOSC
1RT
= 10 kΩ, CT = 470 pF
170
190
210
kHz
Frequency
temperature
variation rate
∆fOSC/
fOSC
1Ta
= 0 °C to +85 °C
1*
%
7.
Error Amp
Block
[Error Amp.]
Threshold
voltage
VTH1
5, 20
FB
= 1.6 V,
Ta
= +25 °C
1.241
1.2500
1.259
V
VTH2
5, 20
FB
= 1.6 V,
Ta
= 0 °C to +85 °C
1.2375
1.2500
1.2625
V
Input bias
current
IB
5, 20
−INE = 0 V
−200
−20
nA
Voltage gain
AV
6, 19
DC
60
100
dB


Similar Part No. - MB3882PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881PFF FUJITSU-MB3881PFF Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3883PFV FUJITSU-MB3883PFV Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
More results

Similar Description - MB3882PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3885 FUJITSU-MB3885 Datasheet
239Kb / 29P
   1-channel DC/DC Converter IC with Synchronous Rectifier
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
   2 ch DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB3825A FUJITSU-MB3825A Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB39A108 FUJITSU-MB39A108 Datasheet
364Kb / 4P
   5-Channel DC/DC Converter IC with Synchronous Rectification
logo
Rohm
BD9120HFN ROHM-BD9120HFN Datasheet
353Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9122GUL ROHM-BD9122GUL Datasheet
337Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9109FVM ROHM-BD9109FVM Datasheet
329Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous Rectifier
logo
Cypress Semiconductor
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
Rohm
BD9140MUV ROHM-BD9140MUV Datasheet
340Kb / 6P
   1ch DC/DC Converter IC built in synchronous rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com