Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROV10H681K Datasheet(PDF) 3 Page - Tyco Electronics

Part # ROV10H681K
Description  Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV10H681K Datasheet(HTML) 3 Page - Tyco Electronics

  ROV10H681K Datasheet HTML 1Page - Tyco Electronics ROV10H681K Datasheet HTML 2Page - Tyco Electronics ROV10H681K Datasheet HTML 3Page - Tyco Electronics ROV10H681K Datasheet HTML 4Page - Tyco Electronics ROV10H681K Datasheet HTML 5Page - Tyco Electronics ROV10H681K Datasheet HTML 6Page - Tyco Electronics ROV10H681K Datasheet HTML 7Page - Tyco Electronics ROV10H681K Datasheet HTML 8Page - Tyco Electronics ROV10H681K Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Metal Oxide Varistors
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: ROV10, ROV10H
10mm Series
DOCUMENT: SCD 25482
PCN:
REV LETTER: D
REV DATE: JULY 19, 2007
PAGE NO.: 3 of 10
DEVICE RATINGS AND CHARACTERISTICS
STANDARD SERIES
Varistor Voltage
V@1.0mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
V@25A
Maximum
Surge Current
(8x20us)
Rated
Wattage
Energy
(10x1000us)
Capacitance
(Typical)
Certifications
Part Number
(VDC)
Tolerance
Vrms
(VAC)
(VDC)
(VDC)
1
Time
(A)
2
Times
(A)
(W)
(J)
@1kHz
(pF)
ROV10-180M
18
± 20%
11
14
36
1)
2.4
6500
ROV10-220L
22
± 15%
14
18
43
1)
2.7
5521
ROV10-270K
27
17
22
53
1)
3.5
4742
ROV10-330K
33
20
26
65
1)
4.4
4247
ROV10-390K
39
25
31
77
1)
4.7
3658
ROV10-470K
47
30
38
93
1)
6.0
3137
ROV10-560K
56
35
45
110
1)
7.0
2900
ROV10-680K
68
40
56
135
1)
500
250
0.05
8.5
2230
ROV10-820K
82
50
65
135
11.0
1261
ROV10-101K
100
60
85
165
14.0
1021
ROV10-121K
120
75
100
200
16.0
946
ROV10-151K
150
95
125
250
22.0
733
ROV10-181K
180
115
150
300
26.0
483
ROV10-201K
200
130
170
340
28.5
400
♦ ●
ROV10-221K
220
140
180
360
31.0
393
♦ ●
ROV10-241K
240
150
200
395
33.5
325
♦ ●
ROV10-271K
270
175
225
455
39.5
334
♦ ●
ROV10-301K
300
195
250
505
42.0
278
♦ ●
ROV10-331K
330
210
275
550
46.0
275
♦ ●
ROV10-361K
360
230
300
595
52.0
231
♦ ●
ROV10-391K
390
250
320
650
60.0
247
♦ ●
ROV10-431K
430
275
350
710
66.0
216
♦ ●
ROV10-471K
470
300
385
775
70.0
210
♦ ●
ROV10-511K
510
320
418
842
74.0
187
♦ ●
ROV10-561K
560
350
460
920
78.0
186
♦ ●
ROV10-621K
620
385
505
1025
82.0
160
♦ ●
ROV10-681K
680
420
560
1120
86.0
156
♦ ●
ROV10-751K
750
460
615
1240
90.0
133
♦ ●
ROV10-781K
780
485
640
1290
92.0
117
♦ ●
ROV10-821K
820
510
670
1355
94.0
130
♦ ●
ROV10-911K
910
550
745
1500
102.0
111
♦ ●
ROV10-102K
1000
625
825
1650
112.0
96
♦ ●
ROV10-112K
1100
680
895
1815
124.0
88
♦ ●
ROV10-182K
1800
± 10%
1000
1465
2970
2500
1250
0.40
174.0
65
*
* Pending VDE Recognition
1) The clamping voltage for devices ROV10-180M to ROV10-680K is tested with 5A current.


Similar Part No. - ROV10H681K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV10H181K-S MACOM-ROV10H181K-S Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
ROV10H241K-2 MACOM-ROV10H241K-2 Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
ROV10H241K-AP MACOM-ROV10H241K-AP Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
ROV10H241K-S-2 MACOM-ROV10H241K-S-2 Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
ROV10H241K-S-AP MACOM-ROV10H241K-S-AP Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
More results

Similar Description - ROV10H681K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com