Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3883PV Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB3883PV
Description  6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3883PV Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB3883PV Datasheet HTML 1Page - Fujitsu Component Limited. MB3883PV Datasheet HTML 2Page - Fujitsu Component Limited. MB3883PV Datasheet HTML 3Page - Fujitsu Component Limited. MB3883PV Datasheet HTML 4Page - Fujitsu Component Limited. MB3883PV Datasheet HTML 5Page - Fujitsu Component Limited. MB3883PV Datasheet HTML 6Page - Fujitsu Component Limited. MB3883PV Datasheet HTML 7Page - Fujitsu Component Limited. MB3883PV Datasheet HTML 8Page - Fujitsu Component Limited. MB3883PV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
MB3883
4
s
s
s
s PIN DESCRIPTION
(Continued)
Pin No.
Symbol
I/O
Descriptions
CH1
35
FB1
O
Error amplifier output pin.
34
−IN1
I
Error amplifier inverted input pin.
36
DTC1
I
Dead time control pin.
37
OUT1-1
O
Main side output pin.
38
OUT1-2
O
Synchronous rectifier side output pin.
CH2
32
FB2
O
Error amplifier output pin.
31
−IN2
I
Error amplifier inverted input pin.
33
DTC2
I
Dead time control pin.
39
OUT2-1
O
Main side output pin.
40
OUT2-2
O
Synchronous rectifier side output pin.
CH3
29
FB3
O
Error amplifier output pin.
28
−IN3
I
Error amplifier inverted input pin.
30
DTC3
I
Dead time control pin.
41
OUT3
O
Output pin.
CH4
11
FB4
O
Error amplifier output pin.
12
−IN4
I
Error amplifier inverted input pin.
14
DTC4
I
Dead time control pin.
43
OUT4
O
Output pin.
9
−IN (A) 4
I
Inverting amplifier input pin.
10
OUT (A) 4
O
Inverting amplifier output pin.
13
−IN (S) 4
I
Short detection comparator inverted input pin.
CH5
7
FB5
O
Error amplifier output pin.
8
−IN5
I
Error amplifier inverted input pin.
6
DTC5
I
Dead time control pin.
45
OUT5-1
O
Main side output pin.
46
OUT5-2
O
Synchronous rectifier side output pin.
CH6
3
FB6
O
Error amplifier output pin.
4
−IN6
I
Error amplifier inverted input pin.
5C
+IN6
I
Soft start capacitor connection pin.
48
RB6
O
Output current setting resistor connection pin.
47
OUT6
O
Output pin.


Similar Part No. - MB3883PV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3883PV FUJITSU-MB3883PV Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
More results

Similar Description - MB3883PV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3827 FUJITSU-MB3827 Datasheet
557Kb / 41P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
   6 ch DC/DC Converter IC with Synchronous Rectification
logo
Rohm
BD6068GUT ROHM-BD6068GUT Datasheet
287Kb / 6P
   Synchronous rectification Step-up DC/DC converter for middle phone
BD6072HFN ROHM-BD6072HFN Datasheet
313Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6063HFN ROHM-BD6063HFN Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6069GUT ROHM-BD6069GUT Datasheet
280Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6071HFN ROHM-BD6071HFN Datasheet
312Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6061GUT ROHM-BD6061GUT Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com