Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRD148JL2C00057G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TRD148JL2C00057G
Description  DWDM Transceivers with Digital Diagnostics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRD148JL2C00057G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TRD148JL2C00057G Datasheet HTML 1Page - OPLINK Communications Inc. TRD148JL2C00057G Datasheet HTML 2Page - OPLINK Communications Inc. TRD148JL2C00057G Datasheet HTML 3Page - OPLINK Communications Inc. TRD148JL2C00057G Datasheet HTML 4Page - OPLINK Communications Inc. TRD148JL2C00057G Datasheet HTML 5Page - OPLINK Communications Inc. TRD148JL2C00057G Datasheet HTML 6Page - OPLINK Communications Inc. TRD148JL2C00057G Datasheet HTML 7Page - OPLINK Communications Inc. TRD148JL2C00057G Datasheet HTML 8Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Oplink Communications, Inc
S0219. Rev04. (web) 2012.06.18
2
TRD148xL2/E2/X2-G
Transmitter Performance Characteristics
Receiver Performance Characteristics (Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Parameter 1
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
0.125
-
2.67
Gb/s
Average Optical Output Power
(50% duty cycle)
80km, 120km
P
O
0
-
+ 4.0
dBm
200km
+ 3.0
-
+ 7.0
Extinction Ratio 2
ER
8.2
-
-
dB
Center Wavelength 3
λ
C
see Ordering Information Table
-
Spectral Width (-20dB) 4
Δλ20
-
-
0.4
nm
Transmitter OFF Power
P
OFF
-
-
- 45.0
dBm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Optical Rise/Fall Time (20% to 80%)
t
n , tf
-
-
0.16
ns
Relative Intensity Noise
RIN
-
-
- 117
dB/Hz
Jitter Generation
OC-48
JG
-
-
0.07
UIp-p
Optical Output Eye
Compliant with Telcordia GR-253-CORE and ITU-T Recommendation G.957
1
Specified through EOL.
2
Measured at 2.48832Gb/s, with 4th order Bessel Thomson filter
3
BOL: +/-0.05nm from ITU grid.
EOL: +/-0.1nm from ITU grid.
4
Measured with OSA and 0.1nm resolution bandwidth.
Parameter 1
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
0.125
-
2.67
Gb/s
Receiver Sensitivity
(10 -10 BER) 2
OC-3/12/48, 2.67Gb/s
Pmin
-
-
- 28.0
dBm
Receiver Sensitivity
(10 -12 BER) 3
2.125Gb/s, 1.25Gb/s,
1.062Gb/s, 0.125Gb/s
Pmin
-
-
- 28.0
dBm
Receiver Sensitivity
with fiber
(10-10 BER) 2
OC-3/12/48,
2.67Gb/s
1600ps/nm (80km)
Pmin
-
-
- 26.0
dBm
2400ps/nm (120km)
- 26.0
4000ps/nm (200km)
- 25.0
Receiver Sensitivity
with fiber
(10-12 BER) 3
2.125Gb/s,
1.25Gb/s,
1.062Gb/s,
0.125Gb/s
1600ps/nm (80km)
Pmin
-
-
- 26.0
2400ps/nm (120km)
- 26.0
4000ps/nm (200km)
- 25.0
Maximum Input Power (10-12 BER)
Pmax
- 8.0
-
-
dBm
LOS Thresholds
Increasing Light Input
Plos+
-
-
- 28.0
dBm
Decreasing Light Input
Plos-
- 45.0
-
-
LOS Timing Delay
Increasing Light Input
t
_loss_off
-
-
100
µs
Decreasing Light Input
t
_loss_on
2.3
-
100
LOS Hysteresis
-
0.5
1.5
-
dB
Wavelength of Operation
λ
1260
-
1570
nm
Receiver Reflectance
-
-
-
-27.0
dB
1
Specified through EOL.
2
Measured with 223-1 PRBS.
3
Measured with 27-1 PRBS.
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)


Similar Part No. - TRD148JL2C00057G

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
TRD10-103 RCD-TRD10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-104 RCD-TRD10-104 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-105 RCD-TRD10-105 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-106 RCD-TRD10-106 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-107 RCD-TRD10-107 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results

Similar Description - TRD148JL2C00057G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TRPE48-E2 OPLINK-TRPE48-E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com