Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPEG1HYXI000E2G Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TRPEG1HYXI000E2G
Description  Fibre Channel SFP Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPEG1HYXI000E2G Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TRPEG1HYXI000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TRPEG1HYXI000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TRPEG1HYXI000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TRPEG1HYXI000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TRPEG1HYXI000E2G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2010, Oplink Communications, Inc.
5
2010-01-26
S0151, Rev.01
TRPEG1-E2G Single Mode
Ordering Information
Package Outline
Dimensions in inches [mm]
Default tolerances:
.xxx = ± .005”, .xx = ± .01”
1.49
]
9
5
0
.[
1.99
]
8
7
0
.[
0.45
]
8
1
0
.[
0.60
]
4
2
0
.[
0.60
]
4
2
0
.[
45.00
[1.772]
13.80
[.543]
2.50
]
8
9
0
.[
6.54
[.257]
41.80
[1.646]
6.25
[.246]
2.29
[.090]
Part Number
Type
Operating
Temperature
Latch
Color
Nominal
Wavelength
Optical Link
Power Budget 4
Distance1
TRPEG1EEXC000E2G
EX
- 5°C to +70°C
Brown
1310nm
18dB
40km2
TRPEG1HYXC000E2G
YX
- 5°C to +70°C
Orange
1550nm
22dB
70km3
TRPEG1JZXC000E2G
ZX
- 5°C to +70°C
Green
1550nm
24dB
80km3
TRPEG1EEXI000E2G
EX
- 40°C to +85°C
Brown
1310nm
18dB
40km2
TRPEG1HYXI000E2G
YX
- 40°C to +85°C
Orange
1550nm
22dB
70km3
TRPEG1JZXI000E2G
ZX
- 40°C to +85°C
Green
1550nm
24dB
80km3
1
The indicated transmission distance is for guidelines only, not guaranteed. The exact distance is dependent on the fiber loss, connector and
splice loss, and allocated system penalty. Longer distances can be supported if the optical link power budget is satisfied.
2
Assuming a total connector and splice loss of 2dB, total system penalty of 2dB and fiber cable loss of 0.35dB/km.
3
Assuming a total connector and splice loss of 2dB, total system penalty of 2dB and fiber cable loss of 0.25dB/km.
4
Minimum Optical Link Power Budget.


Similar Part No. - TRPEG1HYXI000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1HYXI000E2 OPLINK-TRPEG1HYXI000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1HYXI000E2 OPLINK-TRPEG1HYXI000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
More results

Similar Description - TRPEG1HYXI000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRXA03 OPLINK-TRXA03 Datasheet
502Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com