Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3892PFF Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB3892PFF
Description  Power Management IC for Mobile Phone
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3892PFF Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB3892PFF Datasheet HTML 7Page - Fujitsu Component Limited. MB3892PFF Datasheet HTML 8Page - Fujitsu Component Limited. MB3892PFF Datasheet HTML 9Page - Fujitsu Component Limited. MB3892PFF Datasheet HTML 10Page - Fujitsu Component Limited. MB3892PFF Datasheet HTML 11Page - Fujitsu Component Limited. MB3892PFF Datasheet HTML 12Page - Fujitsu Component Limited. MB3892PFF Datasheet HTML 13Page - Fujitsu Component Limited. MB3892PFF Datasheet HTML 14Page - Fujitsu Component Limited. MB3892PFF Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
MB3892
11
s
s
s
s ELECTRICAL CHARACTERISTICS
• Power control
(Ta
= +25 °C, VB = 3.6 V)
* : Standard design value
(Continued)
Parameter
Symbol
Pin No.
Conditions
Value
Unit
Min.
Typ.
Max.
Reference
voltage
Reference
voltage
VREF
27
VREF
= 0 mA
1.19
1.23
1.27
V
Baseband
regulator
[BBREG1]
Output voltage
VO1
75
OUT1
= 0 mA
2.79
2.85
2.91
V
VOLD1
75
OUT1
= −110 mA
2.79
2.85
2.91
V
Line regulation
Line
75
VB
= 3.1 to 4.8 V,
OUT1
= −10 mA

20
mV
Load regulation
Load
75
OUT1
= 0 to −110 mA
−30
0mV
Ripple rejection
R.R
75
Vin
= 0.2 Vrms,
f
= 1 kHz,
OUT1
= −10 mA
−50*
dB
Reverse current
IREV
75
VB
= 0 to 5 V or
VB
= Open
30
43
µA
Rise time
TR
75
OUT1
= 2.2 µF,
OUT1
= 27 Ω

60
µs
Baseband
regulator
[BBREG2]
Output voltage
VO2
72, 73
OUT2
= 0 mA
2.79
2.85
2.91
V
VOLD2
72, 73
OUT2
= −150 mA
2.79
2.85
2.91
V
Line regulation
Line
72, 73
VB
= 3.1 to 4.8 V,
OUT2
= −10 mA

20
mV
Load regulation
Load
72, 73
OUT2
= 0 to −150 mA
−30
0mV
Ripple rejection
R.R
72, 73
Vin
= 0.2 Vrms,
f
= 1 kHz,
OUT2
= −10 mA
−50*
dB
Rise time
TR
72, 73
OUT2
= 10 µF,
OUT2
= 20 Ω

190
µs
Baseband
regulator
[BBREG3]
Output voltage
VO3
71
OUT3
= 0 mA
2.79
2.85
2.91
V
VOLD3
71
OUT3
= −60 mA
2.79
2.85
2.91
V
Line regulation
Line
71
VB
= 3.1 to 4.8 V,
OUT3
= −10 mA

20
mV
Load regulation
Load
71
OUT3
= 0 to −60 mA
−30
0mV
Ripple rejection
R.R
71
Vin
= 0.2 Vrms,
f
= 1 kHz,
OUT3
= −10 mA
−50*
dB
Reverse current
IREV
71
VB
= 0 to 5 V or
VB
= Open
01
µA
Rise time
TR
71
OUT3
= 2.2 µF,
OUT3
= 47 Ω

105
µs


Similar Part No. - MB3892PFF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
MB3891PFV FUJITSU-MB3891PFV Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
MB3893APFT FUJITSU-MB3893APFT Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
MB3893APFV FUJITSU-MB3893APFV Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
More results

Similar Description - MB3892PFF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
logo
Rohm
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
   Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
   Power management LSI for mobile phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
   Power management LSI for mobile phone
logo
Global Mixed-mode Techn...
G5800 GMT-G5800 Datasheet
791Kb / 1P
   Mobile Phone Power Management System
logo
Rohm
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
   Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
   Power management IC for cellular phone
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com