Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPEG1JZXI000E2G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TRPEG1JZXI000E2G
Description  Fibre Channel SFP Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPEG1JZXI000E2G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TRPEG1JZXI000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TRPEG1JZXI000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TRPEG1JZXI000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TRPEG1JZXI000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TRPEG1JZXI000E2G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2010-01-26
S0151, Rev.01
An Oplink Company
Features
TRPEG1-E2G Single Mode
Absolute Maximum Ratings
Product Description
Multi-rate Gigabit Ethernet & Fibre Channel
SFP Transceivers with Digital Diagnostics
The TRPEG1-E2G SFP series of multi-rate fiber optic transceivers
with integrated digital diagnostics monitoring functionality provide
a quick and reliable interface for Gigabit Ethernet and 1.062GBd
Fibre Channel applications. The transceivers are designed to
support data rates ranging from 1.25Gb/s down to 125Mb/s. The
diagnostic functions, alarm and warning features as described in the
Multi-Source Agreement (MSA) document, SFF-8472 (Rev. 9.4), are
provided via an I2C serial interface.
Four options are offered with minimum optical link power budgets
of 18dB, 22dB and 24dB to support up to 80km link applications.
Option “EX” uses a 1310nm DFB laser and provides a minimum
optical link budget of 18dB, corresponding to a minimum distance
of 40km, assuming fiber loss of 0.35dB/km. Options “YX” and “ZX”
use 1550nm DFB lasers and provide a minimum optical link budgets
of 22dB and 24dB respectively, which correspond to minimum
distances of 70km and 80km, assuming fiber loss of 0.25dB/km. All
modules satisfy Class I Laser Safety requirements in accordance with
the U.S. FDA/CDRH and international IEC-60825 standards.
The transceivers connect to standard 20-pad SFP connectors
for hot plug capability. This allows the system designer to make
configuration changes or maintenance by simply plugging in
different types of transceivers without removing the power supply
from the host system.
The transceivers have colored bail-type latches, which offer an easy
and convenient way to release the modules. The latch is compliant
with the SFP MSA.
The transmitter and receiver DATA interfaces are AC-coupled
internally. LV-TTL Transmitter Disable control input and Loss of
Signal output interfaces are also provided.
The transceivers operate from a single +3.3V power supply over
operating case temperature ranges of -5°C to +70°C or -40°C to
+85°C. The housing is made of metal for EMI immunity.
Compliant with IEEE 802.3z Gigabit Ethernet
Specifications
Compliant with SFP MSA
Lead Free Design & Fully RoHS Compliant
Digital Diagnostics through Serial Interface
Internal Calibration for Digital Diagnostics
Distance Options to Support up to 80km
Eye Safe (Class I Laser Safety)
Duplex LC Optical Interface
Loss of Signal Output & TX Disable Input
-40°C to +85°C Operating Case Temperature Option
Hot-pluggable
Single +3.3V Power Supply
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
ST
- 40
+ 85
°C
Operating Case Temperature1
Commercial
T
OP
- 5
+ 70
°C
Industrial
- 40
+ 85
Supply Voltage
V
CC
0
+ 3.47
V
Input Voltage
V
IN
0
V
CC
V
1
Measured on top side of SFP module at the front center vent hole of the cage.
Pb


Similar Part No. - TRPEG1JZXI000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1JZXI000E2 OPLINK-TRPEG1JZXI000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1JZXI000E2 OPLINK-TRPEG1JZXI000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
More results

Similar Description - TRPEG1JZXI000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRXA03 OPLINK-TRXA03 Datasheet
502Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com