Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPEG1JZXI000E2G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TRPEG1JZXI000E2G
Description  Fibre Channel SFP Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPEG1JZXI000E2G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TRPEG1JZXI000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TRPEG1JZXI000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TRPEG1JZXI000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TRPEG1JZXI000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TRPEG1JZXI000E2G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2010-01-26
S0151, Rev.01
2
TRPEG1-E2G Single Mode
Oplink Communications, Inc
Transmitter Performance Characteristics
Receiver Performance Characteristics
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
125
-
1250
Mb/s
Optical Output Power1
EX
P
o
- 4.5
-
0
dBm
YX
- 2.0
-
+ 3.0
ZX
0
-
+ 5.0
Center Wavelength
EX
λ
c
1280
1310
1335
nm
YX, ZX
1500
1550
1580
Spectral Width (-20dB)
EX, YX, ZX
Δλ
20
-
-
1.0
nm
Side Mode Suppression Ratio
EX, YX, ZX
SMSR
30
-
-
dB
Extinction Ratio
P
hi/Plo
9
-
-
dB
Deterministic Jitter
DJ
-
-
80
ps
Total Jitter
TJ
-
-
227
ps
Optical Rise/Fall Time (20% to 80%)
t
r ,tf
-
-
0.32
ns
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Dispersion Penalty2
YX
-
-
-
1.2
dB
ZX
1.5
Optical Output Eye
Compliant with Eye Mask Defined in IEEE 802.3z standard
1
Measured average power coupled into single mode fiber (SMF).
2
Specified at 1440ps/nm (YX) and 1600ps/nm (ZX) dispersion, which corresponds to the approximate worst-case dispersion for 70km and 80km
G.652/G.654 fiber over the wavelength range of 1500 to 1580nm.
All parameters guaranteed only at typical data rate
All parameters guaranteed only at typical data rate
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
125
-
1250
Mb/s
Minimum Input Optical Power (10-12 BER)1
EX
P
min
- 22.5
-
-
dBm
YX, ZX
- 24.0
-
-
Maximum Input Optical Power (10-12 BER)1
P
max
- 3.0
-
-
dBm
LOS Thresholds
Increasing Light
Input
EX
P
los+
-
-
- 22.5
dBm
EX
-
-
- 22.5
YX, ZX
-
-
- 24.0
Decreasing Light
Input
EX, YX, ZX
P
los-
- 35.0
-
-
LOS Timing Delay
Increasing Light Input
t_loss_off
-
-
100
µs
Decreasing Light Input
t_loss_on
-
-
100
LOS Hysteresis
-
0.5
-
-
dB
Deterministic Jitter
DJ
-
-
170
ps
Total Jitter
TJ
-
-
266
ps
Wavelength of Operation
λ
1100
-
1600
nm
Optical Return Loss
ORL
12
-
-
dB
Electrical 3dB Upper Cutoff Frequency
-
-
-
1500
MHz
Stressed Receiver Sensitivity
Compliant with IEEE 802.3z standard
1
When measured with 27-1 PRBS at 125Mb/s, 1062.5Mb/s & 1250Mb/s and 1310nm for EX and 1550nm for YX & ZX.


Similar Part No. - TRPEG1JZXI000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1JZXI000E2 OPLINK-TRPEG1JZXI000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1JZXI000E2 OPLINK-TRPEG1JZXI000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
More results

Similar Description - TRPEG1JZXI000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRXA03 OPLINK-TRXA03 Datasheet
502Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com