Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPU12GL1C000E2G Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TRPU12GL1C000E2G
Description  Multi-Rate OC-12/STM-4 SFP Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPU12GL1C000E2G Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TRPU12GL1C000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TRPU12GL1C000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TRPU12GL1C000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TRPU12GL1C000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TRPU12GL1C000E2G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2014, Oplink Communications, Inc.
5
TRPU12xxxx000E2G
S0442, Rev.01. (web) 2014-05-16
Mechanical Package
Ordering Information
R: 4.7 to 10kΩ
CAP Values in μF
Oplink Part Number
Operating Temperature
Center
Wavelength
Distance
Latch Color
TRPU12AS1C000E2G
- 5°C to +70°C
Commercial
1310nm
12/2km
Gray
TRPU12AI1C000E2G
- 5°C to +70°C
Commercial
1310nm
21/15km
Yellow
TRPU12GL1C000E2G
- 5°C to +70°C
Commercial
1310nm
42/40km
Red
TRPU12GL2C000E2G
- 5°C to +70°C
Commercial
1550nm
85/80km
White
TRPU12AS1E000E2G
- 5°C to +85°C
Extended
1310nm
12/2km
Gray
TRPU12AI1E000E2G
- 5°C to +85°C
Extended
1310nm
21/15km
Yellow
TRPU12GL1E000E2G
- 5°C to +85°C
Extended
1310nm
42/40km
Red
TRPU12GL2E000E2G
- 5°C to +85°C
Extended
1550nm
85/80km
White
TRPU12AS1I000E2G
- 40°C to +85°C
Industrial
1310nm
12/2km
Gray
TRPU12AI1I000E2G
- 40°C to +85°C
Industrial
1310nm
21/15km
Yellow
TRPU12GL1I000E2G
- 40°C to +85°C
Industrial
1310nm
42/40km
Red
TRPU12GL2I000E2G
- 40°C to +85°C
Industrial
1550nm
85/80km
White


Similar Part No. - TRPU12GL1C000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
675Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
412Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers with Digital Diagnostics
TRPUG1CLXE000E2G OPLINK-TRPUG1CLXE000E2G Datasheet
675Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers
TRPUG1CLXI000E2G OPLINK-TRPUG1CLXI000E2G Datasheet
675Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers
TRPUG1CLXX000E2G OPLINK-TRPUG1CLXX000E2G Datasheet
675Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers
More results

Similar Description - TRPU12GL1C000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPA12MSM OPLINK-TRPA12MSM Datasheet
512Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRXA12M OPLINK-TRXA12M Datasheet
464Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRPE12AS1C000E2 OPLINK-TRPE12AS1C000E2 Datasheet
453Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRPE48-E2G OPLINK-TRPE48-E2G Datasheet
662Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers
TRXA12MM OPLINK-TRXA12MM Datasheet
425Kb / 5P
   Multi-rate OC-12/STM-4 SFP Multimode Transceivers with Digital Diagnostics
DTR-622-SM-LC-A-HP-ST OPLINK-DTR-622-SM-LC-A-HP-ST Datasheet
225Kb / 7P
   Multi-rate OC-12/STM-4 Single mode SFF Transceivers
TRPA12MCWDM OPLINK-TRPA12MCWDM Datasheet
480Kb / 5P
   Multi-rate OC-12/STM-4 SFP CWDM Single Mode Transceivers withDigital Diagnostics
TRXA48M OPLINK-TRXA48M Datasheet
469Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPA48M OPLINK-TRPA48M Datasheet
610Kb / 6P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPE48CS1C000E2 OPLINK-TRPE48CS1C000E2 Datasheet
643Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com