Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRD148JL2C00045G Datasheet(PDF) 7 Page - OPLINK Communications Inc.

Part # TRD148JL2C00045G
Description  DWDM Transceivers with Digital Diagnostics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRD148JL2C00045G Datasheet(HTML) 7 Page - OPLINK Communications Inc.

  TRD148JL2C00045G Datasheet HTML 1Page - OPLINK Communications Inc. TRD148JL2C00045G Datasheet HTML 2Page - OPLINK Communications Inc. TRD148JL2C00045G Datasheet HTML 3Page - OPLINK Communications Inc. TRD148JL2C00045G Datasheet HTML 4Page - OPLINK Communications Inc. TRD148JL2C00045G Datasheet HTML 5Page - OPLINK Communications Inc. TRD148JL2C00045G Datasheet HTML 6Page - OPLINK Communications Inc. TRD148JL2C00045G Datasheet HTML 7Page - OPLINK Communications Inc. TRD148JL2C00045G Datasheet HTML 8Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
S0219. Rev04. (web) 2012.06.18
Ordering Information (120km) - Cont’d
Oplink Communications, Inc
TRD148xL2/E2/X2-G
Ordering Information (200km)
Model Name
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
Commercial Temp.
-5°C to +70°C
Extended Temp.
-5°C to +85°C
Industrial Temp.
-40°C to +85°C
TRD148MX2C00061G
TRD148MX2E00061G
TRD148MX2I00061G
1528.77
196.1
61
200km
TRD148MX2C00060G
TRD148MX2E00060G
TRD148MX2I00060G
1529.55
196.0
60
200km
TRD148MX2C00059G
TRD148MX2E00059G
TRD148MX2I00059G
1530.33
195.9
59
200km
TRD148MX2C00058G
TRD148MX2E00058G
TRD148MX2I00058G
1531.12
195.8
58
200km
TRD148MX2C00057G
TRD148MX2E00057G
TRD148MX2I00057G
1531.90
195.7
57
200km
Model Name
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
Commercial Temp.
-5°C to +70°C
Extended Temp.
-5°C to +85°C
Industrial Temp.
-40°C to +85°C
TRD148JE2C00050G
TRD148JE2E00050G
TRD148JE2I00050G
1537.40
195.0
50
120km
TRD148JE2C00049G
TRD148JE2E00049G
TRD148JE2I00049G
1538.19
194.9
49
120km
TRD148JE2C00048G
TRD148JE2E00048G
TRD148JE2I00048G
1538.98
194.8
48
120km
TRD148JE2C00047G
TRD148JE2E00047G
TRD148JE2I00047G
1539.77
194.7
47
120km
TRD148JE2C00046G
TRD148JE2E00046G
TRD148JE2I00046G
1540.56
194.6
46
120km
TRD148JE2C00045G
TRD148JE2E00045G
TRD148JE2I00045G
1541.35
194.5
45
120km
TRD148JE2C00044G
TRD148JE2E00044G
TRD148JE2I00044G
1542.14
194.4
44
120km
TRD148JE2C00043G
TRD148JE2E00043G
TRD148JE2I00043G
1542.94
194.3
43
120km
TRD148JE2C00042G
TRD148JE2E00042G
TRD148JE2I00042G
1543.73
194.2
42
120km
TRD148JE2C00041G
TRD148JE2E00041G
TRD148JE2I00041G
1544.53
194.1
41
120km
TRD148JE2C00040G
TRD148JE2E00040G
TRD148JE2I00040G
1545.32
194.0
40
120km
TRD148JE2C00039G
TRD148JE2E00039G
TRD148JE2I00039G
1546.12
193.9
39
120km
TRD148JE2C00038G
TRD148JE2E00038G
TRD148JE2I00038G
1546.92
193.8
38
120km
TRD148JE2C00037G
TRD148JE2E00037G
TRD148JE2I00037G
1547.72
193.7
37
120km
TRD148JE2C00036G
TRD148JE2E00036G
TRD148JE2I00036G
1548.51
193.6
36
120km
TRD148JE2C00035G
TRD148JE2E00035G
TRD148JE2I00035G
1549.32
193.5
35
120km
TRD148JE2C00034G
TRD148JE2E00034G
TRD148JE2I00034G
1550.12
193.4
34
120km
TRD148JE2C00033G
TRD148JE2E00033G
TRD148JE2I00033G
1550.92
193.3
33
120km
TRD148JE2C00032G
TRD148JE2E00032G
TRD148JE2I00032G
1551.72
193.2
32
120km
TRD148JE2C00031G
TRD148JE2E00031G
TRD148JE2I00031G
1552.52
193.1
31
120km
TRD148JE2C00030G
TRD148JE2E00030G
TRD148JE2I00030G
1553.33
193.0
30
120km
TRD148JE2C00029G
TRD148JE2E00029G
TRD148JE2I00029G
1554.13
192.9
29
120km
TRD148JE2C00028G
TRD148JE2E00028G
TRD148JE2I00028G
1554.94
192.8
28
120km
TRD148JE2C00027G
TRD148JE2E00027G
TRD148JE2I00027G
1555.75
192.7
27
120km
TRD148JE2C00026G
TRD148JE2E00026G
TRD148JE2I00026G
1556.55
192.6
26
120km
TRD148JE2C00025G
TRD148JE2E00025G
TRD148JE2I00025G
1557.36
192.5
25
120km
TRD148JE2C00024G
TRD148JE2E00024G
TRD148JE2I00024G
1558.17
192.4
24
120km
TRD148JE2C00023G
TRD148JE2E00023G
TRD148JE2I00023G
1558.98
192.3
23
120km
TRD148JE2C00022G
TRD148JE2E00022G
TRD148JE2I00022G
1559.79
192.2
22
120km
TRD148JE2C00021G
TRD148JE2E00021G
TRD148JE2I00021G
1560.61
192.1
21
120km
TRD148JE2C00020G
TRD148JE2E00020G
TRD148JE2I00020G
1561.42
192.0
20
120km
TRD148JE2C00019G
TRD148JE2E00019G
TRD148JE2I00019G
1562.23
191.9
19
120km
TRD148JE2C00018G
TRD148JE2E00018G
TRD148JE2I00018G
1563.05
191.8
18
120km
TRD148JE2C00017G
TRD148JE2E00017G
TRD148JE2I00017G
1563.86
191.7
17
120km


Similar Part No. - TRD148JL2C00045G

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
TRD10-103 RCD-TRD10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-104 RCD-TRD10-104 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-105 RCD-TRD10-105 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-106 RCD-TRD10-106 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-107 RCD-TRD10-107 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results

Similar Description - TRD148JL2C00045G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TRPE48-E2 OPLINK-TRPE48-E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com