Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPV3GKERC000K0G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TRPV3GKERC000K0G
Description  TXC3XGHI2C00010G
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPV3GKERC000K0G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TRPV3GKERC000K0G Datasheet HTML 1Page - OPLINK Communications Inc. TRPV3GKERC000K0G Datasheet HTML 2Page - OPLINK Communications Inc. TRPV3GKERC000K0G Datasheet HTML 3Page - OPLINK Communications Inc. TRPV3GKERC000K0G Datasheet HTML 4Page - OPLINK Communications Inc. TRPV3GKERC000K0G Datasheet HTML 5Page - OPLINK Communications Inc. TRPV3GKERC000K0G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TRPV3GKERx000xxG
Oplink Communications, Inc
S0313. Rev.01. (web) 2012-05-11
2
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Transmitter Performance Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
0.05
-
3
Gb/s
Average Optical Output Power with 50% duty cycle
(coupled into single mode fiber)
Po
0
-
+ 5.0
dBm
Extinction Ratio
ER
8.2
-
-
dB
Center Wavelength
λ
C
1264.5
1271
1277.5
nm
1284.5
1291
1297.5
1304.5
1311
1317.5
1324.5
1331
1337.5
1344.5
1351
1357.5
1364.5
1371
1377.5
1384.5
1391
1397.5
1404.5
1411
1417.5
1424.5
1431
1437.5
1444.5
1451
1457.5
1464.5
1471
1477.5
1484.5
1491
1497.5
1504.5
1511
1517.5
1524.5
1531
1537.5
1544.5
1551
1557.5
1564.5
1571
1577.5
1584.5
1591
1597.5
1604.5
1611
1617.5
Spectral Width (- 20dB)
Δλ
20
-
-
1.0
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Optical Signal Intrinsic
Jitter 1
2.97Gb/s, 1.485Gb/s,
270Mb/s, PRBS 223-1
JG
-
40
60
ps
2.97Gb/s SMPTE 424M
Pathological
-
50
90
1.485Gb/s SMPTE 292M
Pathological
-
60
120
270Mb/s, SMPTE 259M
Pathological
-
110
200
Optical Signal Rise Time
(20% to 80%) 2
SMPTE 424M 2.97Gb/s
tr
-
130
180
ps
SMPTE 292M 1.485Gb/s
-
175
270
SMPTE 259M 270Mb/s
-
300
800
Optical Signal Fall Time
(20% to 80%) 2
SMPTE 424M 2.97Gb/s
tf
-
130
180
ps
SMPTE 292M 1.485Gb/s
-
175
270
SMPTE 259M 270Mb/s
-
300
800
Relative Intensity Noise
RIN
-
-
- 117
dB/Hz
Dispersion Penalty 3
-
-
-
2.0
dB
1
As specified in SMPTE 259M, SMPTE 344M, SMPTE 292, or SMPTE 424M for the corresponding electrical signal. Test method shall conform to SMPTE
RP 184
2
Rise/fall times are measured following a fourth-order Bessel-Thompson filter with a 3dB point at 0.75 x data rate in MHz
3
Specified at 1000ps/nm dispersion, which corresponds to the approximate worst-case dispersion for 50km G.652/G.654 fiber over the center wave-
length range of 1464.5-1617.5nm.


Similar Part No. - TRPV3GKERC000K0G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPV3GKERC000K0G OPLINK-TRPV3GKERC000K0G Datasheet
284Kb / 6P
   CWDM Optical Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com