Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXP3XGHL2I000E2G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TXP3XGHL2I000E2G
Description  Multi-rate 10-Gigabit 80km XFP Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXP3XGHL2I000E2G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TXP3XGHL2I000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TXP3XGHL2I000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TXP3XGHL2I000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TXP3XGHL2I000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TXP3XGHL2I000E2G Datasheet HTML 5Page - OPLINK Communications Inc. TXP3XGHL2I000E2G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Oplink Communications, Inc
S0354. Rev.01 (web) 2012-12-12
2
TXP3XGHL2x
Oplink Communications, Inc.
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Laser Safety: All transceivers are Class I Laser
products per FDA/CDRH and IEC-60825 standards.
They must be operated under specified operating
conditions.
Transmitter Performance Characteristics
(Over Operating Case Temperature Range)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
9.95
-
11.09
Gb/s
Average Optical Output Power (50% duty cycle)
P
O
-1.0
-
+ 4.0
dBm
Transmitter OFF Power
P
OFF
-
-
- 45.0
dBm
Extinction Ratio
ER
8.2
-
-
dB
Center Wavelength
λ
C
1530
1550
1565
nm
Spectral Width (-20dB)
Δλ20
-
-
1.0
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Relative Intensity Noise
RIN
-
-
- 130
dB/Hz
Reflectance Tolerance
ref
T
-
-
- 27
dB
Jitter Generation 2
20 kHz – 80 MHz
JG
20K
-
-
0.3
UI
pp
4 MHz – 80 MHz
JG
4M
-
-
0.1
UI
pp
Dispersion Penalty
@ 9.95Gb/s (BER=10-12)
DP
-
-
2.5
dB
Optical Output Eye
Compliant with GR253-CORE, IEEE 803.3ae , and ITU-T G.959
1
8.5Gb/s is supported through Data Rate Selection feature.
2
Jitter generation is compliant with GR-253 and G.8251.
Receiver Performance Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
9.95
-
11.09
Gb/s
Wavelength of Operation
λ
1260
-
1570
nm
Receiver Sensitivity
@ 9.95Gb/s (10-12 BER)
Pmin_BB
-
-
- 24.0
dBm
@ 11.09Gb/s (10-4 BER)
-
-
- 27.0
Receiver Sensitivity with
80km fiber
@ 9.95Gb/s (10-12 BER)
Pmin_Fiber
-
-
- 21.5
dBm
@ 11.09Gb/s (10-4 BER)
-
-
- 24.0
Maximum Input Power (10-12 BER)
P
MAX
- 7.0
-
-
dBm
LOS Thresholds
Increasing Light Input
P
los+
-
-
- 27.0
dBm
Decreasing Light Input
P
los-
- 35.0
-
-
LOS Hysteresis
-
0.5
-
-
dB
Receiver Reflectance
-
-
-
- 27
dB
1
8.5Gb/s is supported through Data Rate Selection feature.
(Over Operating Case Temperature Range)


Similar Part No. - TXP3XGHL2I000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP3XGGI2C000E2G OPLINK-TXP3XGGI2C000E2G Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
TXP3XGGI2E000E2G OPLINK-TXP3XGGI2E000E2G Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
TXP3XGGI2I000E2G OPLINK-TXP3XGGI2I000E2G Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
TXP3XGGI2X OPLINK-TXP3XGGI2X Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
More results

Similar Description - TXP3XGHL2I000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2X-S0125 OPLINK-TXP1XGHL2X-S0125 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
TXP1XGHL2XX-0959 OPLINK-TXP1XGHL2XX-0959 Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXP3XGGI2X OPLINK-TXP3XGGI2X Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
logo
MRV Communications, Inc...
XFP-10GD-SX MRV-XFP-10GD-SX Datasheet
59Kb / 2P
   10 Gigabit XFP Transceivers
logo
Finisar Corporation.
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
logo
OPLINK Communications I...
TXP1XGGI2X-S0131 OPLINK-TXP1XGGI2X-S0131 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 40km Transceiverswith Digital Diagnostics
logo
Finisar Corporation.
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1811M3 FINISAR-FTLX1811M3 Datasheet
190Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com