Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXC3XGHI2E00070G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TXC3XGHI2E00070G
Description  Transceivers with Digital Diagnostics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXC3XGHI2E00070G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TXC3XGHI2E00070G Datasheet HTML 1Page - OPLINK Communications Inc. TXC3XGHI2E00070G Datasheet HTML 2Page - OPLINK Communications Inc. TXC3XGHI2E00070G Datasheet HTML 3Page - OPLINK Communications Inc. TXC3XGHI2E00070G Datasheet HTML 4Page - OPLINK Communications Inc. TXC3XGHI2E00070G Datasheet HTML 5Page - OPLINK Communications Inc. TXC3XGHI2E00070G Datasheet HTML 6Page - OPLINK Communications Inc. TXC3XGHI2E00070G Datasheet HTML 7Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
S0369. Rev.02. (web) 2014-02-10
Pb
TXC3XGHI2x
The TXC3XGHI2x CWDM XFP multi-rate fiber optic transceivers with digital
diagnostics monitoring functionality provide a quick and reliable interface
for 10Gbps CWDM applications. The diagnostic functions, alarm and warning
features as described in the XFP Multi-Source Agreement (MSA) are provided
via standard I2C serial interface. The transceivers are designed to support
the XFP Multi-Source Agreement, and multiple data rates from 9.95Gb/s to
11.09Gb/s for OC-192, 10G Ethernet, 10G Fiber Channel and FEC applications.
Each transceiver utilizes an electro-absorption modulated laser with an
operating wavelength selectable to ITU-T standards covering CWDM grid
wavelengths. They satisfy Class I Laser Safety requirements in accordance with
the U.S. FDA/CDRH and international IEC-60825 standards.
The transceivers connect to standard 30-pad XFP connectors for hot plug
capability. This allows the system designer to make configuration changes or
maintenance by simply plugging in different types of transceivers without
removing the power supply from the host system.
The transmitter and receiver DATA interfaces are AC coupled Current Mode
Logic (CML). LV-TTL Transmitter Disable control input and Loss of Signal output
interfaces are also provided.
The transceivers operate from +3.3V and +5.0V power supplies over a
operating case temperature range of -5°C to +70°C (Commercial), -5°C to +85°C
(Extended), or -40°C to +85°C (Industrial). The housing is made of metal for EMI
immunity.
Product Description
Lead Free Design & Fully RoHS Compliant
Compliant with XFP MSA
Compliant with OC-192/STM-64
Compliant with ITU-T G.709
Support 10G Ethernet Applications
Support 10G Fiber Channel Applications
Compatible with ITU-T G.695
Digital Diagnostics Monitoring
Temperature-stabilized EML Transmitter
Low Power Consumption
Wide Case Operating Temperature Range
Distance up to 40km with G.652 Fiber
Features
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature Range
T
ST
- 40
+ 85
°C
Case Operating Temperature 1
Commercial
T
OP
- 5
+ 70
°C
Extended
- 5
+ 85
Industrial
- 40
+ 85
Supply Voltage
V
CC 3
- 0.2
+ 3.6
V
V
CC 5
- 0.2
+ 6.0
Operating Relative Humidity 2
RH
0
85
%
Input Voltage
V
IN
0
V
CC
V
1
Case temperature is measured on top side of XFP module.
2
Non condensing
Absolute Maximum Ratings
Multi-rate 10-Gigabit CWDM 40km XFP
Transceivers with Digital Diagnostics


Similar Part No. - TXC3XGHI2E00070G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXC3XGJL2C00010G OPLINK-TXC3XGJL2C00010G Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TXC3XGJL2C00020G OPLINK-TXC3XGJL2C00020G Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TXC3XGJL2C00030G OPLINK-TXC3XGJL2C00030G Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TXC3XGJL2C00040G OPLINK-TXC3XGJL2C00040G Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TXC3XGJL2C00050G OPLINK-TXC3XGJL2C00050G Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
More results

Similar Description - TXC3XGHI2E00070G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TRPE48-E2 OPLINK-TRPE48-E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com