Electronic Components Datasheet Search |
|
WDIH15140DF1153 Datasheet(PDF) 2 Page - OPLINK Communications Inc. |
|
WDIH15140DF1153 Datasheet(HTML) 2 Page - OPLINK Communications Inc. |
2 / 2 page Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules WDIH Ordering Information Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM design team or account manager for your requirements and ordering information (510) 933-7200. Mechanical Drawing / Package Dimensions (dimension in mm) 34.0 mm REFLECT COMMON 3 1 Ø5.5 mm PASS 2 P1: SMF-28 250µm bare fiber 54.0mm P2: 900 µm loose tube 40.0 mm REFLECT COMMON 3 1 Ø5.5 mm PASS 2 60.0mm COMM 1550 nm COMM 1550 nm PASS 1550 nm PASS 1550 nm 1480 nm PUMP 1480 nm PUMP 0 Package & Fiber Type P1 + SMF-28 250μm bare fiber= 11 P2 + 900µm loose tube = 22 Wavelength Fiber Length Configuration Stage 1550/1480nm = 1514 1585/1480nm = 1614 0.5 meter = H 1.0 Meter = 1* 1.5 Meters = 5 2.0 Meters = 2 Forward Type = F Backward Type = B Single Stage = S Dual Stage = D Connector Type None = 1 FC/PC = 2 FC/SPC = 3 FC/APC = 4 SC/PC = 5 SC/SPC = 6 SC/APC = 7 ST = 8 LC = 9 MU = A 1480/1550nm WDM/Isolator Hybrid Combination WDIH1514 Series S0077 - R11. 20100702 * The tolerance of fiber length is +/-0.1m. 1 meter is standard. The lead-time for special fiber length will be longer. |
Similar Part No. - WDIH15140DF1153 |
|
Similar Description - WDIH15140DF1153 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |