Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPEG1KVXE000A0G Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TRPEG1KVXE000A0G
Description  Very Long Haul Multi-rate Gigabit Ethernet
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPEG1KVXE000A0G Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TRPEG1KVXE000A0G Datasheet HTML 1Page - OPLINK Communications Inc. TRPEG1KVXE000A0G Datasheet HTML 2Page - OPLINK Communications Inc. TRPEG1KVXE000A0G Datasheet HTML 3Page - OPLINK Communications Inc. TRPEG1KVXE000A0G Datasheet HTML 4Page - OPLINK Communications Inc. TRPEG1KVXE000A0G Datasheet HTML 5Page - OPLINK Communications Inc. TRPEG1KVXE000A0G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TRPEG1KVX-G MR CWDM
5
Oplink Communications, Inc
S0144, Rev.04. (web) 2013-05-16
Dimensions in inches [mm]
Default tolerances:
.xxx = ± .005”, .xx = ± .01”
Package Outline
Ordering Information
Part Number
Operating
Temperature
Latch Color
Nominal
Wavelength
Optical Link
Power Budget Distance
1
TRPEG1KVXC000L0G
- 5°C to +70°C
Commercial
Light Violet
1271nm
32dBm
120km
TRPEG1KVXC000K0G
- 5°C to +70°C
Commercial
Sky Blue
1291nm
32dBm
120km
TRPEG1KVXC000J0G
- 5°C to +70°C
Commercial
Dark Green
1311nm
32dBm
120km
TRPEG1KVXC000H0G
- 5°C to +70°C
Commercial
Magenta
1331nm
32dBm
120km
TRPEG1KVXC000G0G
- 5°C to +70°C
Commercial
Pink
1351nm
32dBm
120km
TRPEG1KVXC000F0G
- 5°C to +70°C
Commercial
Beige
1371nm
32dBm
120km
TRPEG1KVXC000D0G
- 5°C to +70°C
Commercial
White
1391nm
32dBm
120km
TRPEG1KVXC000C0G
- 5°C to +70°C
Commercial
Silver
1411nm
32dBm
120km
TRPEG1KVXC000B0G
- 5°C to +70°C
Commercial
Black
1431nm
32dBm
120km
TRPEG1KVXC000A0G
- 5°C to +70°C
Commercial
Lime
1451nm
32dBm
120km
TRPEG1KVXC00010G
- 5°C to +70°C
Commercial
Gray
1471nm
32dBm
120km
TRPEG1KVXC00020G
- 5°C to +70°C
Commercial
Violet
1491nm
32dBm
120km
TRPEG1KVXC00030G
- 5°C to +70°C
Commercial
Blue
1511nm
32dBm
120km
TRPEG1KVXC00040G
- 5°C to +70°C
Commercial
Green
1531nm
32dBm
120km
TRPEG1KVXC00050G
- 5°C to +70°C
Commercial
Yellow
1551nm
32dBm
120km
TRPEG1KVXC00060G
- 5°C to +70°C
Commercial
Orange
1571nm
32dBm
120km
TRPEG1KVXC00070G
- 5°C to +70°C
Commercial
Red
1591nm
32dBm
120km
TRPEG1KVXC00080G
- 5°C to +70°C
Commercial
Brown
1611nm
32dBm
120km


Similar Part No. - TRPEG1KVXE000A0G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1KVXE000E1 OPLINK-TRPEG1KVXE000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPEG1KVXE000E1 OPLINK-TRPEG1KVXE000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
TRPEG1KVXE000E1G OPLINK-TRPEG1KVXE000E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
More results

Similar Description - TRPEG1KVXE000A0G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
DTR1250SMGBH8HSCWDMMR OPLINK-DTR1250SMGBH8HSCWDMMR Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
TRPAG1VXI OPLINK-TRPAG1VXI Datasheet
457Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPEG1KVXC000E1 OPLINK-TRPEG1KVXC000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXAG1VXIBMS OPLINK-TRXAG1VXIBMS Datasheet
129Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
logo
Bothhand USA, LP.
GP5609RZ-LF BOTHHAND-GP5609RZ-LF Datasheet
350Kb / 2P
   Designed for long haul gigabit Ethernet 1000 BASE-T, full
logo
OPLINK Communications I...
DTR1250SMGBHS OPLINK-DTR1250SMGBHS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR-1250-SM-GB-HS OPLINK-DTR-1250-SM-GB-HS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com