Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXC3XGHI2I00050G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TXC3XGHI2I00050G
Description  Transceivers with Digital Diagnostics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXC3XGHI2I00050G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TXC3XGHI2I00050G Datasheet HTML 1Page - OPLINK Communications Inc. TXC3XGHI2I00050G Datasheet HTML 2Page - OPLINK Communications Inc. TXC3XGHI2I00050G Datasheet HTML 3Page - OPLINK Communications Inc. TXC3XGHI2I00050G Datasheet HTML 4Page - OPLINK Communications Inc. TXC3XGHI2I00050G Datasheet HTML 5Page - OPLINK Communications Inc. TXC3XGHI2I00050G Datasheet HTML 6Page - OPLINK Communications Inc. TXC3XGHI2I00050G Datasheet HTML 7Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Oplink Communications, Inc
S0369. Rev.02. (web) 2014-02-10
2
TXC3XGHI2x
Oplink Communications, Inc.
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Laser Safety: All transceivers are Class 1 Laser products
per FDA/CDRH and IEC-60825 standards. They must be
operated under specified operating conditions.
Transmitter Performance Characteristics
(Over Operating Case Temperature Range)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
9.95
-
11.09
Gb/s
Average Optical Output Power (50% duty cycle)
P
O
- 1.0
-
+ 3.0
dBm
Transmitter OFF Power
P
OFF
-
-
- 45.0
dBm
Extinction Ratio @ 9.95Gb/s to 10.7Gb/s
ER
8.2
-
-
dB
Center Wavelength 1
λ
C
See Ordering Information Table
nm
Spectral Width
Δλ20
-
-
1.0
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Relative Intensity Noise
RIN
-
-
- 130
dB/Hz
Reflectance Tolerance
ref
T
-
-
- 27
dB
Jitter Generation 2
20 kHz – 80 MHz
JG
20K
-
-
0.3
UI
pp
4 MHz – 80 MHz
JG
4M
-
-
0.1
UI
pp
Dispersion Penalty
DP
-
-
2.5
dB
Optical Output Eye
Compliant with GR253-CORE, IEEE 803.3ae , and ITU-T G.959
1
Maximum wavelength deviation: +/-6.5nm
2
Jitter generation is compliant with GR-253 and G.8251.
Receiver Performance Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
9.95
-
11.09
Gb/s
Wavelength of Operation
λ
1450
-
1620
nm
Receiver Sensitivity
(1471~1551nm)
@ 9.95Gb/s (10-12 BER)
Pmin
-
-
- 16.0
dBm
@ 11.09Gb/s (10-4 BER)
-
-
- 19.0
Receiver Sensitivity
(1571~1611nm)
@ 9.95Gb/s (10-12 BER)
Pmin
-
-
- 14.0
dBm
@ 11.09Gb/s (10-4 BER)
-
-
- 17.0
Maximum Input Power (10-12 BER)
P
MAX
+ 0.5
-
-
dBm
LOS Thresholds
Increasing Light Input
P
los+
-
-
- 19.0
dBm
Decreasing Light Input
P
los-
- 28.0
-
-
LOS Hysteresis
-
0.5
-
-
dB
Receiver Reflectance
-
-
-
- 27
dB
(Over Operating Case Temperature Range)


Similar Part No. - TXC3XGHI2I00050G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXC3XGJL2C00010G OPLINK-TXC3XGJL2C00010G Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TXC3XGJL2C00020G OPLINK-TXC3XGJL2C00020G Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TXC3XGJL2C00030G OPLINK-TXC3XGJL2C00030G Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TXC3XGJL2C00040G OPLINK-TXC3XGJL2C00040G Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TXC3XGJL2C00050G OPLINK-TXC3XGJL2C00050G Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
More results

Similar Description - TXC3XGHI2I00050G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TRPE48-E2 OPLINK-TRPE48-E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com