Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPEG1KVXE00050G Datasheet(PDF) 6 Page - OPLINK Communications Inc.

Part # TRPEG1KVXE00050G
Description  Very Long Haul Multi-rate Gigabit Ethernet
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPEG1KVXE00050G Datasheet(HTML) 6 Page - OPLINK Communications Inc.

  TRPEG1KVXE00050G Datasheet HTML 1Page - OPLINK Communications Inc. TRPEG1KVXE00050G Datasheet HTML 2Page - OPLINK Communications Inc. TRPEG1KVXE00050G Datasheet HTML 3Page - OPLINK Communications Inc. TRPEG1KVXE00050G Datasheet HTML 4Page - OPLINK Communications Inc. TRPEG1KVXE00050G Datasheet HTML 5Page - OPLINK Communications Inc. TRPEG1KVXE00050G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
TRPEG1KVX-G MR CWDM
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2013, Oplink Communications, Inc.
S0144, Rev.04. (web) 2013-05-16
Part Number
Operating
Temperature
Latch Color
Nominal
Wavelength
Optical Link
Power Budget Distance
1
TRPEG1KVXE000L0G
- 5°C to +85°C
Extended
Light Violet
1271nm
32dBm
120km
TRPEG1KVXE000K0G
- 5°C to +85°C
Extended
Sky Blue
1291nm
32dBm
120km
TRPEG1KVXE000J0G
- 5°C to +85°C
Extended
Dark Green
1311nm
32dBm
120km
TRPEG1KVXE000H0G
- 5°C to +85°C
Extended
Magenta
1331nm
32dBm
120km
TRPEG1KVXE000G0G
- 5°C to +85°C
Extended
Pink
1351nm
32dBm
120km
TRPEG1KVXE000F0G
- 5°C to +85°C
Extended
Beige
1371nm
32dBm
120km
TRPEG1KVXE000D0G
- 5°C to +85°C
Extended
White
1391nm
32dBm
120km
TRPEG1KVXE000C0G
- 5°C to +85°C
Extended
Silver
1411nm
32dBm
120km
TRPEG1KVXE000B0G
- 5°C to +85°C
Extended
Black
1431nm
32dBm
120km
TRPEG1KVXE000A0G
- 5°C to +85°C
Extended
Lime
1451nm
32dBm
120km
TRPEG1KVXE00010G
- 5°C to +85°C
Extended
Gray
1471nm
32dBm
120km
TRPEG1KVXE00020G
- 5°C to +85°C
Extended
Violet
1491nm
32dBm
120km
TRPEG1KVXE00030G
- 5°C to +85°C
Extended
Blue
1511nm
32dBm
120km
TRPEG1KVXE00040G
- 5°C to +85°C
Extended
Green
1531nm
32dBm
120km
TRPEG1KVXE00050G
- 5°C to +85°C
Extended
Yellow
1551nm
32dBm
120km
TRPEG1KVXE00060G
- 5°C to +85°C
Extended
Orange
1571nm
32dBm
120km
TRPEG1KVXE00070G
- 5°C to +85°C
Extended
Red
1591nm
32dBm
120km
TRPEG1KVXE00080G
- 5°C to +85°C
Extended
Brwon
1611nm
32dBm
120km
1
These are target distances to be used for classification and not for specification, per Telcordia GR-253-CORE/ITU-T Recommendation G.957.
1
The indicated transmission distance is for guidelines only, not guaranteed. The exact distance is dependent on the fiber loss, connector and splice
loss, and allocated system penalty. Longer distances can be supported if the optical link power budget is satisfied.


Similar Part No. - TRPEG1KVXE00050G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1KVXE000E1 OPLINK-TRPEG1KVXE000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPEG1KVXE000E1 OPLINK-TRPEG1KVXE000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
TRPEG1KVXE000E1G OPLINK-TRPEG1KVXE000E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
More results

Similar Description - TRPEG1KVXE00050G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
DTR1250SMGBH8HSCWDMMR OPLINK-DTR1250SMGBH8HSCWDMMR Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
TRPAG1VXI OPLINK-TRPAG1VXI Datasheet
457Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPEG1KVXC000E1 OPLINK-TRPEG1KVXC000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXAG1VXIBMS OPLINK-TRXAG1VXIBMS Datasheet
129Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
logo
Bothhand USA, LP.
GP5609RZ-LF BOTHHAND-GP5609RZ-LF Datasheet
350Kb / 2P
   Designed for long haul gigabit Ethernet 1000 BASE-T, full
logo
OPLINK Communications I...
DTR1250SMGBHS OPLINK-DTR1250SMGBHS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR-1250-SM-GB-HS OPLINK-DTR-1250-SM-GB-HS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com