Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPEG1KVXE00050G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TRPEG1KVXE00050G
Description  Very Long Haul Multi-rate Gigabit Ethernet
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPEG1KVXE00050G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TRPEG1KVXE00050G Datasheet HTML 1Page - OPLINK Communications Inc. TRPEG1KVXE00050G Datasheet HTML 2Page - OPLINK Communications Inc. TRPEG1KVXE00050G Datasheet HTML 3Page - OPLINK Communications Inc. TRPEG1KVXE00050G Datasheet HTML 4Page - OPLINK Communications Inc. TRPEG1KVXE00050G Datasheet HTML 5Page - OPLINK Communications Inc. TRPEG1KVXE00050G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S0144, Rev.04. (web) 2013-05-16
Absolute Maximum Ratings
Pb
Very Long Haul Multi-rate Gigabit Ethernet SFP
CWDM Transceivers with Digital Diagnostics
The TRPEG1KVX-G MR CWDM SFP series of multi-rate fiber optic
transceivers with integrated digital diagnostics monitoring functionality
provide a quick and reliable interface for 1000BASE-LX Gigabit Ethernet
and 1.062GBd Fiber Channel applications.The transceivers are designed
to support data rates ranging from 1.25Gb/s down to 125Mb/s. The
diagnostic functions, alarm and warning features as described in the
Multi-Source Agreement (MSA) document, SFF-8472 (Rev. 9.4), are
provided via an I2C serial interface.
The transceivers use a high power DFB laser and an ultra high sensitivity
Avalanche Photodiode (APD) receiver to provide a minimum optical
link power budget of 32dB, corresponding to a minimum transmission
distance of 120km of single mode fiber, assuming a total connector/
splice/CWDM mux and demux loss of 4.6dB, allocated system penalty
of 1dB and fiber loss of 0.22dB/km. There are eighteen (18) wavelengths
available, from 1271nm to 1611nm. All transceivers are Class I Laser
products per U.S. FDA/CDRH and international IEC-60825 standards.
The TRPEG1KVX-G MR CWDM multi-rate transceivers connect to
standard 20-pad SFP connectors for hot plug capability. This allows the
system designer to make configuration changes or maintenance by
simply plugging in different types of transceivers without removing the
power supply from the host system.
The transceivers have colored bail-type latches, which offer an easy and
convenient way to release the modules. The latch is compliant with the
SFP MSA.
The transmitter and receiver DATA interfaces are AC-coupled internally.
LV-TTL Transmitter Disable control input and Loss of Signal output
interfaces are also provided.
The transceivers operate from a single +3.3V power supply over an
operating case temperature range of -5°C to +70°C (Commercial) or -5°C
to +85°C (Extended). The housing is made of metal for EMI immunity.
Product Description
Eighteen (18) Wavelength CWDM Transceivers
Lead Free Design & RoHS Compliant
Compliant to SFP MSA
Compatible with IEEE 802.3z Gigabit Ethernet
1000BASE-LX PMD Specifications
Compatible with 1.062GBd Fibre Channel 100-SM-LC-L
FC-PI Standards
Digital Diagnostics through Serial Interface
Internal Calibration for Digital Diagnostics
Up to 120km with Single Mode Fiber
APD Receiver
Eye Safe (Class I Laser Safety)
Duplex LC Optical Interface
Loss of Signal Output & TX Disable Input
Hot-pluggable
Features
TRPEG1KVX-G MR CWDM
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
st
- 40
+ 85
°C
Operating Case Temperature1
Commercial
T
op
- 5
+ 70
°C
Extended
- 5
+ 85
Supply Voltage
V
cc
0
+ 4.5
V
Maximum Input Optical Power (30 seconds max.)
P
in, max
-
+ 3.0
dBm
Input Voltage
V
in
0
V
cc
V
1
Measured on top side of SFP module at the front center vent hole of the cage.


Similar Part No. - TRPEG1KVXE00050G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1KVXE000E1 OPLINK-TRPEG1KVXE000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPEG1KVXE000E1 OPLINK-TRPEG1KVXE000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
TRPEG1KVXE000E1G OPLINK-TRPEG1KVXE000E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
More results

Similar Description - TRPEG1KVXE00050G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
DTR1250SMGBH8HSCWDMMR OPLINK-DTR1250SMGBH8HSCWDMMR Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
TRPAG1VXI OPLINK-TRPAG1VXI Datasheet
457Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPEG1KVXC000E1 OPLINK-TRPEG1KVXC000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXAG1VXIBMS OPLINK-TRXAG1VXIBMS Datasheet
129Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
logo
Bothhand USA, LP.
GP5609RZ-LF BOTHHAND-GP5609RZ-LF Datasheet
350Kb / 2P
   Designed for long haul gigabit Ethernet 1000 BASE-T, full
logo
OPLINK Communications I...
DTR1250SMGBHS OPLINK-DTR1250SMGBHS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR-1250-SM-GB-HS OPLINK-DTR-1250-SM-GB-HS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com