Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXD3XGHL2C00039G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TXD3XGHL2C00039G
Description  Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXD3XGHL2C00039G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TXD3XGHL2C00039G Datasheet HTML 1Page - OPLINK Communications Inc. TXD3XGHL2C00039G Datasheet HTML 2Page - OPLINK Communications Inc. TXD3XGHL2C00039G Datasheet HTML 3Page - OPLINK Communications Inc. TXD3XGHL2C00039G Datasheet HTML 4Page - OPLINK Communications Inc. TXD3XGHL2C00039G Datasheet HTML 5Page - OPLINK Communications Inc. TXD3XGHL2C00039G Datasheet HTML 6Page - OPLINK Communications Inc. TXD3XGHL2C00039G Datasheet HTML 7Page - OPLINK Communications Inc. TXD3XGHL2C00039G Datasheet HTML 8Page - OPLINK Communications Inc. TXD3XGHL2C00039G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
S0321. Rev.04. (web) 2014-03-21
Pb
TXD3XGHL2xx
The TXD3XGHL2xx DWDM XFP multi-rate fiber optic transceivers with
digital diagnostics monitoring functionality provide a quick and reliable
interface for 10Gbps DWDM applications. The diagnostic functions, alarm
and warning features as described in the XFP Multi-Source Agreement
(MSA) are provided via standard I2C serial interface. The transceivers are
compliant with the XFP Multi-Source Agreement and are designed to
support SONET/SDH, 10G Ethernet, and 10G Fiber Channel data rates from
9.95Gb/s to 11.09Gb/s, and 8.5Gb/s through data rate selection feature.
Each transceiver utilizes an electro-absorption modulator integrated laser
with an operating wavelength in full compliance with 100GHz (0.8nm)
spacing per the ITU-grid. The transceivers satisfy Class I Laser Safety
requirements in accordance with the U.S. FDA/CDRH and international IEC-
60825 standards.
The transceivers connect to standard 30-pad XFP connectors for hot plug
capability. This allows the system designer to make configuration changes
or maintenance by simply plugging in different types of transceivers
without removing the power supply from the host system.
The transmitter and receiver DATA interfaces are AC coupled Current Mode
Logic (CML). LV-TTL Transmitter Disable control input and Loss of Signal
output interfaces are also provided.
The transceivers operate from +1.8V, +3.3V and +5.0V power supplies over
a operating case temperature range of -5°C to +70°C (Commercial), -5°C to
+85°C (Extended), or -40°C to +85°C (Industrial).
Product Description
Lead Free Design & Fully RoHS Compliant
Compliant with XFP MSA
Compliant with OC-192/STM-64
Compliant with IEEE802.3ae
Compliant with ITU-T G.709
Support 10G Fiber Channel Applications
Digital Diagnostics Monitoring
Temperature-stabilized EML Transmitter
Low Power Consumption
Wide Case Operating Temperature Range
Transmission Distance up to 80km
Features
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
ST
- 40
+ 85
°C
Operating Case Temperature 1
Commercial
T
OP
- 5
+ 70
°C
Extended
- 5
+ 85
Industrial
- 40
+ 85
Supply Voltage
V
CC 3
- 0.2
+ 3.6
V
V
CC 5
- 0.2
+ 6.0
Operating Relative Humidity 2
RH
0
85
%
Input Voltage
V
IN
0
V
CC
V
1
Case temperature is measured on top side of XFP module.
2
Non condensing
Absolute Maximum Ratings
Multi-rate 10-Gigabit DWDM 80km XFP
Transceiver with Digital Diagnostics


Similar Part No. - TXD3XGHL2C00039G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXD3XGGI2C00017G OPLINK-TXD3XGGI2C00017G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
TXD3XGGI2C00018G OPLINK-TXD3XGGI2C00018G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
TXD3XGGI2C00019G OPLINK-TXD3XGGI2C00019G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
TXD3XGGI2C00020G OPLINK-TXD3XGGI2C00020G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
TXD3XGGI2C00021G OPLINK-TXD3XGGI2C00021G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
More results

Similar Description - TXD3XGHL2C00039G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2XX-0959 OPLINK-TXP1XGHL2XX-0959 Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
logo
Source Photonics, Inc.
XPD-MR-08-15CDA SOURCE-XPD-MR-08-15CDA Datasheet
652Kb / 6P
   10 Gbps 80km DWDM Multirate XFP Transceiver
logo
OPLINK Communications I...
TXP1XGHL2X-S0125 OPLINK-TXP1XGHL2X-S0125 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
logo
Finisar Corporation.
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com