Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWFC5150P2114 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # UWFC5150P2114
Description  Single Window Single Mode Wideband Fiber Coupler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

UWFC5150P2114 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  UWFC5150P2114 Datasheet HTML 1Page - OPLINK Communications Inc. UWFC5150P2114 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S0173 - R04.20120702
Ultra Hi-Rel Undersea Component Family
Single Window Single Mode Wideband Fiber Coupler
(1x2, 2x2)
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
UWFC Series
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
UWFC
Ordering Information
0
0
Package & Fiber Type
Type
Grade
Wavelength
P1 + 250 μm bare fiber = 11
P2 + 900 μm loose tube = 22
P3 + 3 mm cable = 33
1x2 = 1
2x2 = 2
Premium Grade = P
A Grade = A
1310 nm = 3
C band = 5
L band = 6
Tap Ratio
Fiber Length**
50/50 = 50
3/97 = 03
2/98 = 02
1/99 = 01
0.5 meter = H
1.0 meter = 1 *
1.5 meters = 5
2.0 meters = 2
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC/UPC = 9
MU = A
LC/APC = B
Notes :
* 1 meter is standard. The lead time for special fiber length will be longer.
** The tolerance of fiber length is +/-0.1m.


Similar Part No. - UWFC5150P2114

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
UWFC5150P OPLINK-UWFC5150P Datasheet
279Kb / 2P
   Single Window Single-Mode Wideband Fiber Coupler
More results

Similar Description - UWFC5150P2114

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFC5333P OPLINK-SWFC5333P Datasheet
134Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
SWFC-S0070 OPLINK-SWFC-S0070 Datasheet
188Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
SWFC1X3 OPLINK-SWFC1X3 Datasheet
154Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC3150P OPLINK-UWFC3150P Datasheet
279Kb / 2P
   Single Window Single-Mode Wideband Fiber Coupler
SWFC9101P OPLINK-SWFC9101P Datasheet
303Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
SWFC1X3-S0169 OPLINK-SWFC1X3-S0169 Datasheet
155Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
SWFC OPLINK-SWFC Datasheet
188Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
DWFC0150P00L011 OPLINK-DWFC0150P00L011 Datasheet
278Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC1X3-S0156 OPLINK-DWFC1X3-S0156 Datasheet
156Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300P001111 OPLINK-DWFC0300P001111 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com