Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRD148JL2I00046G Datasheet(PDF) 6 Page - OPLINK Communications Inc.

Part # TRD148JL2I00046G
Description  DWDM Transceivers with Digital Diagnostics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRD148JL2I00046G Datasheet(HTML) 6 Page - OPLINK Communications Inc.

  TRD148JL2I00046G Datasheet HTML 1Page - OPLINK Communications Inc. TRD148JL2I00046G Datasheet HTML 2Page - OPLINK Communications Inc. TRD148JL2I00046G Datasheet HTML 3Page - OPLINK Communications Inc. TRD148JL2I00046G Datasheet HTML 4Page - OPLINK Communications Inc. TRD148JL2I00046G Datasheet HTML 5Page - OPLINK Communications Inc. TRD148JL2I00046G Datasheet HTML 6Page - OPLINK Communications Inc. TRD148JL2I00046G Datasheet HTML 7Page - OPLINK Communications Inc. TRD148JL2I00046G Datasheet HTML 8Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ordering Information (120km)
Ordering Information (80km) - cont’d
Oplink Communications, Inc
6
S0219. Rev04. (web) 2012.06.18
TRD148xL2/E2/X2-G
Model Name
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
Commercial Temp.
-5°C to +70°C
Extended Temp.
-5°C to +85°C
Industrial Temp.
-40°C to +85°C
TRD148JL2C00043G
TRD148JL2E00043G
TRD148JL2I00043G
1542.94
194.3
43
80km
TRD148JL2C00042G
TRD148JL2E00042G
TRD148JL2I00042G
1543.73
194.2
42
80km
TRD148JL2C00041G
TRD148JL2E00041G
TRD148JL2I00041G
1544.53
194.1
41
80km
TRD148JL2C00040G
TRD148JL2E00040G
TRD148JL2I00040G
1545.32
194.0
40
80km
TRD148JL2C00039G
TRD148JL2E00039G
TRD148JL2I00039G
1546.12
193.9
39
80km
TRD148JL2C00038G
TRD148JL2E00038G
TRD148JL2I00038G
1546.92
193.8
38
80km
TRD148JL2C00037G
TRD148JL2E00037G
TRD148JL2I00037G
1547.72
193.7
37
80km
TRD148JL2C00036G
TRD148JL2E00036G
TRD148JL2I00036G
1548.51
193.6
36
80km
TRD148JL2C00035G
TRD148JL2E00035G
TRD148JL2I00035G
1549.32
193.5
35
80km
TRD148JL2C00034G
TRD148JL2E00034G
TRD148JL2I00034G
1550.12
193.4
34
80km
TRD148JL2C00033G
TRD148JL2E00033G
TRD148JL2I00033G
1550.92
193.3
33
80km
TRD148JL2C00032G
TRD148JL2E00032G
TRD148JL2I00032G
1551.72
193.2
32
80km
TRD148JL2C00031G
TRD148JL2E00031G
TRD148JL2I00031G
1552.52
193.1
31
80km
TRD148JL2C00030G
TRD148JL2E00030G
TRD148JL2I00030G
1553.33
193.0
30
80km
TRD148JL2C00029G
TRD148JL2E00029G
TRD148JL2I00029G
1554.13
192.9
29
80km
TRD148JL2C00028G
TRD148JL2E00028G
TRD148JL2I00028G
1554.94
192.8
28
80km
TRD148JL2C00027G
TRD148JL2E00027G
TRD148JL2I00027G
1555.75
192.7
27
80km
TRD148JL2C00026G
TRD148JL2E00026G
TRD148JL2I00026G
1556.55
192.6
26
80km
TRD148JL2C00025G
TRD148JL2E00025G
TRD148JL2I00025G
1557.36
192.5
25
80km
TRD148JL2C00024G
TRD148JL2E00024G
TRD148JL2I00024G
1558.17
192.4
24
80km
TRD148JL2C00023G
TRD148JL2E00023G
TRD148JL2I00023G
1558.98
192.3
23
80km
TRD148JL2C00022G
TRD148JL2E00022G
TRD148JL2I00022G
1559.79
192.2
22
80km
TRD148JL2C00021G
TRD148JL2E00021G
TRD148JL2I00021G
1560.61
192.1
21
80km
TRD148JL2C00020G
TRD148JL2E00020G
TRD148JL2I00020G
1561.42
192.0
20
80km
TRD148JL2C00019G
TRD148JL2E00019G
TRD148JL2I00019G
1562.23
191.9
19
80km
TRD148JL2C00018G
TRD148JL2E00018G
TRD148JL2I00018G
1563.05
191.8
18
80km
TRD148JL2C00017G
TRD148JL2E00017G
TRD148JL2I00017G
1563.86
191.7
17
80km
TRD148JL2C00010G
TRD148JL2E00010G
TRD148JL2I00010G
1569.59
191.0
10
80km
Model Name
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
Commercial Temp.
-5°C to +70°C
Extended Temp.
-5°C to +85°C
Industrial Temp.
-40°C to +85°C
TRD148JE2C00061G
TRD148JE2E00061G
TRD148JE2I00061G
1528.77
196.1
61
120km
TRD148JE2C00060G
TRD148JE2E00060G
TRD148JE2I00060G
1529.55
196.0
60
120km
TRD148JE2C00059G
TRD148JE2E00059G
TRD148JE2I00059G
1530.33
195.9
59
120km
TRD148JE2C00058G
TRD148JE2E00058G
TRD148JE2I00058G
1531.12
195.8
58
120km
TRD148JE2C00057G
TRD148JE2E00057G
TRD148JE2I00057G
1531.90
195.7
57
120km
TRD148JE2C00056G
TRD148JE2E00056G
TRD148JE2I00056G
1532.68
195.6
56
120km
TRD148JE2C00055G
TRD148JE2E00055G
TRD148JE2I00055G
1533.47
195.5
55
120km
TRD148JE2C00054G
TRD148JE2E00054G
TRD148JE2I00054G
1534.25
195.4
54
120km
TRD148JE2C00053G
TRD148JE2E00053G
TRD148JE2I00053G
1535.04
195.3
53
120km
TRD148JE2C00052G
TRD148JE2E00052G
TRD148JE2I00052G
1535.82
195.2
52
120km
TRD148JE2C00051G
TRD148JE2E00051G
TRD148JE2I00051G
1536.61
195.1
51
120km


Similar Part No. - TRD148JL2I00046G

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
TRD10-103 RCD-TRD10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-104 RCD-TRD10-104 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-105 RCD-TRD10-105 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-106 RCD-TRD10-106 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-107 RCD-TRD10-107 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results

Similar Description - TRD148JL2I00046G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TRPE48-E2 OPLINK-TRPE48-E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com