Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1XGKZRE00035G Datasheet(PDF) 7 Page - OPLINK Communications Inc.

Part # TPD1XGKZRE00035G
Description  DWDM 80km SFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD1XGKZRE00035G Datasheet(HTML) 7 Page - OPLINK Communications Inc.

  TPD1XGKZRE00035G Datasheet HTML 1Page - OPLINK Communications Inc. TPD1XGKZRE00035G Datasheet HTML 2Page - OPLINK Communications Inc. TPD1XGKZRE00035G Datasheet HTML 3Page - OPLINK Communications Inc. TPD1XGKZRE00035G Datasheet HTML 4Page - OPLINK Communications Inc. TPD1XGKZRE00035G Datasheet HTML 5Page - OPLINK Communications Inc. TPD1XGKZRE00035G Datasheet HTML 6Page - OPLINK Communications Inc. TPD1XGKZRE00035G Datasheet HTML 7Page - OPLINK Communications Inc. TPD1XGKZRE00035G Datasheet HTML 8Page - OPLINK Communications Inc. TPD1XGKZRE00035G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Oplink Communications, Inc
S0252. Rev.04. (web) 2012-08-08
7
TPD1XGKZRxxG
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD1XGKZRC00044G
- 5°C to +70°C
Commercial
1542.14
194.4
44
80km
TPD1XGKZRC00043G
- 5°C to +70°C
Commercial
1542.94
194.3
43
80km
TPD1XGKZRC00042G
- 5°C to +70°C
Commercial
1543.73
194.2
42
80km
TPD1XGKZRC00041G
- 5°C to +70°C
Commercial
1544.53
194.1
41
80km
TPD1XGKZRC00040G
- 5°C to +70°C
Commercial
1545.32
194.0
40
80km
TPD1XGKZRC00039G
- 5°C to +70°C
Commercial
1546.12
193.9
39
80km
TPD1XGKZRC00038G
- 5°C to +70°C
Commercial
1546.92
193.8
38
80km
TPD1XGKZRC00037G
- 5°C to +70°C
Commercial
1547.72
193.7
37
80km
TPD1XGKZRC00036G
- 5°C to +70°C
Commercial
1548.51
193.6
36
80km
TPD1XGKZRC00035G
- 5°C to +70°C
Commercial
1549.32
193.5
35
80km
TPD1XGKZRC00034G
- 5°C to +70°C
Commercial
1550.12
193.4
34
80km
TPD1XGKZRC00033G
- 5°C to +70°C
Commercial
1550.92
193.3
33
80km
TPD1XGKZRC00032G
- 5°C to +70°C
Commercial
1551.72
193.2
32
80km
TPD1XGKZRC00031G
- 5°C to +70°C
Commercial
1552.52
193.1
31
80km
TPD1XGKZRC00030G
- 5°C to +70°C
Commercial
1553.33
193.0
30
80km
TPD1XGKZRC00029G
- 5°C to +70°C
Commercial
1554.13
192.9
29
80km
TPD1XGKZRC00028G
- 5°C to +70°C
Commercial
1554.94
192.8
28
80km
TPD1XGKZRC00027G
- 5°C to +70°C
Commercial
1555.75
192.7
27
80km
TPD1XGKZRC00026G
- 5°C to +70°C
Commercial
1556.55
192.6
26
80km
TPD1XGKZRC00025G
- 5°C to +70°C
Commercial
1557.36
192.5
25
80km
TPD1XGKZRC00024G
- 5°C to +70°C
Commercial
1558.17
192.4
24
80km
TPD1XGKZRC00023G
- 5°C to +70°C
Commercial
1558.98
192.3
23
80km
TPD1XGKZRC00022G
- 5°C to +70°C
Commercial
1559.79
192.2
22
80km
TPD1XGKZRC00021G
- 5°C to +70°C
Commercial
1560.61
192.1
21
80km
TPD1XGKZRC00020G
- 5°C to +70°C
Commercial
1561.42
192.0
20
80km
TPD1XGKZRC00019G
- 5°C to +70°C
Commercial
1562.23
191.9
19
80km
TPD1XGKZRC00018G
- 5°C to +70°C
Commercial
1563.05
191.8
18
80km
TPD1XGKZRC00017G
- 5°C to +70°C
Commercial
1563.86
191.7
17
80km
TPD1XGKZRC00016G
- 5°C to +70°C
Commercial
1564.68
191.6
16
80km
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD1XGKZRE00061G
- 5°C to +85°C
Extended
1528.77
196.1
61
80km
TPD1XGKZRE00060G
- 5°C to +85°C
Extended
1529.55
196.0
60
80km
TPD1XGKZRE00059G
- 5°C to +85°C
Extended
1530.33
195.9
59
80km
TPD1XGKZRE00058G
- 5°C to +85°C
Extended
1531.12
195.8
58
80km
TPD1XGKZRE00057G
- 5°C to +85°C
Extended
1531.90
195.7
57
80km
TPD1XGKZRE00056G
- 5°C to +85°C
Extended
1532.68
195.6
56
80km
TPD1XGKZRE00055G
- 5°C to +85°C
Extended
1533.47
195.5
55
80km
TPD1XGKZRE00054G
- 5°C to +85°C
Extended
1534.25
195.4
54
80km
TPD1XGKZRE00053G
- 5°C to +85°C
Extended
1535.04
195.3
53
80km
TPD1XGKZRE00052G
- 5°C to +85°C
Extended
1535.82
195.2
52
80km
TPD1XGKZRE00051G
- 5°C to +85°C
Extended
1536.61
195.1
51
80km


Similar Part No. - TPD1XGKZRE00035G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGKZRE00035G OPLINK-TPD1XGKZRE00035G Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
More results

Similar Description - TPD1XGKZRE00035G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com