Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXD3XGGI2C00024G Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # TXD3XGGI2C00024G
Description  Transceiver with Digital Diagnostics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXD3XGGI2C00024G Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  TXD3XGGI2C00024G Datasheet HTML 1Page - OPLINK Communications Inc. TXD3XGGI2C00024G Datasheet HTML 2Page - OPLINK Communications Inc. TXD3XGGI2C00024G Datasheet HTML 3Page - OPLINK Communications Inc. TXD3XGGI2C00024G Datasheet HTML 4Page - OPLINK Communications Inc. TXD3XGGI2C00024G Datasheet HTML 5Page - OPLINK Communications Inc. TXD3XGGI2C00024G Datasheet HTML 6Page - OPLINK Communications Inc. TXD3XGGI2C00024G Datasheet HTML 7Page - OPLINK Communications Inc. TXD3XGGI2C00024G Datasheet HTML 8Page - OPLINK Communications Inc. TXD3XGGI2C00024G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Oplink Communications, Inc
4
S0330. Rev.04. (web) 2013-01-09
TXD3XGGI2xx
Module Pin Description
Pin
Logic
Symbol
Description
1
-
GND
Module Ground
2
-
V
EE5
Optional -5.2V Power Supply (Not Required)
3
LVTTL-I
Mod_DeSel
Module De-select; When held low allows module to respond to 2-wire serial interface
4
LVTTL-O
Interrupt
Interrupt; Indicates presence of an important condition which can be read over the 2-wire serial
Interface
5
LVTTL-I
TX_Dis
Transmitter Disable; Turns off transmitter laser output
6
-
V
CC5
+5V Power Supply
7
-
GND
Module Ground
8
-
V
CC3
+3.3V Power Supply
9
-
V
CC3
+3.3V Power Supply
10
LVTTL-I/O
SCL
2-Wire Serial Interface Clock
11
LVTTL-I/O
SDA
2-Wire Serial Interface Data Line
12
LVTTL-O
Mod_Abs
Indicates Module is not present. Grounded in the Module
13
LVTTL-O
Mod_NR
Module Not Ready; Indicating Module Operational Fault
14
LVTTL-O
RX_LOS
Receiver Loss Of Signal Indicator
15
-
GND
Module Ground
16
-
GND
Module Ground
17
CML-O
RD-
Receiver Inverted Data Output
18
CML-O
RD+
Receiver Non-Inverted Data Output
19
-
GND
Module Ground
20
-
V
CC2
Nor Used
21
LVTTL-I
P_Down/RST
Power down; When high, requires the module to limit power consumption to 1.5W or below. 2-Wire
serial interface must be functional in the low power mode.
Reset; The falling edge initiates a complete reset of the module including the 2-wire serial interface,
equivalent to a power cycle.
22
-
V
CC2
Not Used
23
-
GND
Module Ground
24
PECL-I
RefCLK+
Reference Clock Non-Inverted Input (Not Required)
25
PECL-I
RefCLK-
Reference Clock Inverted Input (Not Required)
26
-
GND
Module Ground
27
-
GND
Module Ground
28
CML-I
TD-
Transmitter Inverted Data Input
29
CML-I
TD+
Transmitter Non-Inverted Data Input
30
-
GND
Module Ground


Similar Part No. - TXD3XGGI2C00024G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXD3XGHL2C00017G OPLINK-TXD3XGHL2C00017G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00018G OPLINK-TXD3XGHL2C00018G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00019G OPLINK-TXD3XGHL2C00019G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00020G OPLINK-TXD3XGHL2C00020G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00021G OPLINK-TXD3XGHL2C00021G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
More results

Similar Description - TXD3XGGI2C00024G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRBCG1HXZX000E1G OPLINK-TRBCG1HXZX000E1G Datasheet
309Kb / 5P
   sfp Transceiver Digital Diagnostics
TRPAG1SXLAES OPLINK-TRPAG1SXLAES Datasheet
464Kb / 5P
   Gigabit Ethernet SFP Multimode Transceiver with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com