Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXD3XGGI2E00056G Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TXD3XGGI2E00056G
Description  Transceiver with Digital Diagnostics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXD3XGGI2E00056G Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TXD3XGGI2E00056G Datasheet HTML 1Page - OPLINK Communications Inc. TXD3XGGI2E00056G Datasheet HTML 2Page - OPLINK Communications Inc. TXD3XGGI2E00056G Datasheet HTML 3Page - OPLINK Communications Inc. TXD3XGGI2E00056G Datasheet HTML 4Page - OPLINK Communications Inc. TXD3XGGI2E00056G Datasheet HTML 5Page - OPLINK Communications Inc. TXD3XGGI2E00056G Datasheet HTML 6Page - OPLINK Communications Inc. TXD3XGGI2E00056G Datasheet HTML 7Page - OPLINK Communications Inc. TXD3XGGI2E00056G Datasheet HTML 8Page - OPLINK Communications Inc. TXD3XGGI2E00056G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Oplink Communications, Inc
5
S0330. Rev.04. (web) 2013-01-09
TXD3XGGI2xx
Application Notes
Electrical Interface: All signal interfaces are compliant with
the XFP MSA specification. The high speed DATA interface is
differential AC-coupled internally and can be directly connected
to a 3.3V SERDES IC.
RX_LOS: The Loss of Signal circuit monitors the level of the
incoming optical signal and generates a logic HIGH when an
insufficient photocurrent is produced.
TX_Dis: When theTX Disable pin is at logic HIGH, the transmitter
optical output is disabled. (less than -45dBm).
P_Down: The Power Down Function pin, when held High by
the host, places the module in the standby (Low Power) mode
with a maximum power dissipation of 1.5W. This protects hosts
which are not capable of cooling higher power modules which
may be accidentally inserted.The module’s 2-wire serial interface
and all laser safety functions must be fully functional in this low
power mode. During P_Down, the module shall still support the
completion of reset Interrupt, as well as maintain functionality
of the variable power supply.
Mod_NR:The Mod_NR is an output pin that when High, indicates
that the module has detected a condition that renders transmitter
and or receiver data invalid, shall consist of logical OR of the
following signals:
• Transmit Signal Conditioner Loss of Lock
• Transmitter Laser Fault
• Receiver Signal Conditioner Loss of Lock
Other conditions deemed valuable to the detection of fault may
be added to the Mod_NR. The Mod_NR output pin is an open
collector and must be pulled to Host_Vcc on the host board.
P_Down/RST: The negative edge of Reset Function signal
initiates a complete module reset.
Module Behavior During P_Down and RST: During execution
of a reset (t_init) or while held in Power Down mode, a module
may be unable to determine the correct value for Mod_NR and
RX_LOS. These outputs as well as all interrupt related flags,
except completion of Reset flag, shall be disregarded by the
host. When the module completes a Reset and is not in Power
Down mode, the module must represent the correct value of
both signals on its outputs before posting a completion of reset
interrupt to the host.
At no time shall a module cause spurious assertion of the
Interrupt pin. When a host initially applies power to a module
with the P_Down/RST signal asserted, a module comes up in
power down mode. The module shall only assert the Interrupt
signal pin to inform the host it has completed a reset. The
completion of reset flag shall be the only interrupt source flag
set during power down mode. The host is expected to clear this
interrupt before releasing the module from the power down
mode. The transition from power down mode to normal mode
will trigger a reset of the module and result in a 2nd module reset
and a 2nd reset completion interrupt to the host.
Power Supply and Grounding: The power supply line should
be well-filtered. All 0.1μF power supply bypass capacitors should
be as close to the transceiver module as possible.
Host Board Termination & Coupling
R: 4.7 to 10kΩ
All caps are in units of µF
50Ω line
50Ω line
50Ω line
50Ω line
TD-
TD+
RD+
RD-
ASIC/
SerDes
CML
INPUTS
CML
OUTPUTS
+3.3V
+3.3V
+3.3V
SCL, SDA,
Mod_Abs, Mod_NR,
R
R
R
XFP
Interrupt, RX_LOS
6
+
+5.0V
+
+3.3V
8, 9
1µH coil or
ferrite inductor
1µH coil or
ferrite inductor
0.1
10
0.1
0.1
10
0.1


Similar Part No. - TXD3XGGI2E00056G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXD3XGHL2C00017G OPLINK-TXD3XGHL2C00017G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00018G OPLINK-TXD3XGHL2C00018G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00019G OPLINK-TXD3XGHL2C00019G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00020G OPLINK-TXD3XGHL2C00020G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXD3XGHL2C00021G OPLINK-TXD3XGHL2C00021G Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
More results

Similar Description - TXD3XGGI2E00056G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRBCG1HXZX000E1G OPLINK-TRBCG1HXZX000E1G Datasheet
309Kb / 5P
   sfp Transceiver Digital Diagnostics
TRPAG1SXLAES OPLINK-TRPAG1SXLAES Datasheet
464Kb / 5P
   Gigabit Ethernet SFP Multimode Transceiver with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com